Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN65LVELT23D Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVELT23D
Description  3.3-V Dual Differential LVPECL/LVDS Buffer to LVTTL Translator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LVELT23D Datasheet(HTML) 2 Page - Texas Instruments

  SN65LVELT23D Datasheet HTML 1Page - Texas Instruments SN65LVELT23D Datasheet HTML 2Page - Texas Instruments SN65LVELT23D Datasheet HTML 3Page - Texas Instruments SN65LVELT23D Datasheet HTML 4Page - Texas Instruments SN65LVELT23D Datasheet HTML 5Page - Texas Instruments SN65LVELT23D Datasheet HTML 6Page - Texas Instruments SN65LVELT23D Datasheet HTML 7Page - Texas Instruments SN65LVELT23D Datasheet HTML 8Page - Texas Instruments SN65LVELT23D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
ABSOLUTE MAXIMUM RATINGS
POWER DISSIPATION RATINGS
THERMAL CHARACTERISTICS
KEY ATTRIBUTES
SN65LVELT23
SLLS929A – JUNE 2009 – REVISED AUGUST 2009......................................................................................................................................................... www.ti.com
PARAMETER
CONDITION
VALUE
UNIT
Absolute supply voltage, VCC
3.8
V
Absolute input voltage, VI
GND = 0 and Vi
≤ VCC
0 to 3.8
V
Continuous
50
Output current
mA
Surge
100
Operating temperature range
–40 to 85
°C
Storage temperature range
–65 to 150
°C
POWER RATING
THERMAL RESISTANCE,
DERATING FACTOR
POWER RATING
CIRCUIT-BOARD
JUNCTION-TO-AMBIENT,
PACKAGE
TA < 25°C
TA > 25°C
TA = 85°C
MODEL
NO AIRFLOW
(mW)
(mW/°C)
(mW)
Low-K
719
139
7
288
SOIC
High-K
840
119
8
336
Low-K
469
213
5
188
MSOP
High-K
527
189
5
211
PARAMETER
PACKAGE
VALUE
UNIT
SOIC
79
θ
JB
Junction-to-board thermal resistance
°C/W
MSOP
120
SOIC
98
θ
JC
Junction-to-case thermal resistance
°C/W
MSOP
74
CHARACTERISTICS
VALUE
Moisture sensitivity level
Level 1
Flammability rating (oxygen index: 28 to 34)
UL 94 V-0 at 0.125 in. (3.18 mm)
ESD human-body model
2 kV
ESD charged-device model
1.5 kV
Internal pulldown resistor
50 k
Ω
Internal pullup resistor
50 k
Ω
Meets or exceeds JEDEC Spec EIA/JESD78 latchup test
2
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): SN65LVELT23



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com