Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTAS2 Datasheet(PDF) 1 Page - ASM GmbH

Part # PTAS2
Description  Magnetic inclination sensor with analog output
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

PTAS2 Datasheet(HTML) 1 Page - ASM GmbH

  PTAS2 Datasheet HTML 1Page - ASM GmbH PTAS2 Datasheet HTML 2Page - ASM GmbH PTAS2 Datasheet HTML 3Page - ASM GmbH PTAS2 Datasheet HTML 4Page - ASM GmbH PTAS2 Datasheet HTML 5Page - ASM GmbH PTAS2 Datasheet HTML 6Page - ASM GmbH PTAS2 Datasheet HTML 7Page - ASM GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
PTAS2
PRPT-BFS1
KAB-2M-M12/4F/G-LITZE
24
CAT-PR/PT-E-08
ASM
www.asm-sensor.com
Magnetic inclination sensor in a 36 mm housing
● Protection class IP67/IP69K
● Magneticmeasurementprinciple
● Outputs:
Voltage 0.5 ... 4.5 V; 0.5 ... 10 V
Current 4 ... 20 mA
● Redundantsecondchannelasoption
● Otheroutputsavailableonrequest
Specifications
Outputs
Voltage: 0.5 ... 4.5 V; 0.5 ... 10 V
Current: 4 ... 20 mA, 3 wire
Resolution
0.03 % (±30 ... ±180); 0.1 % (±15°)
Repeatability
±0.03 % (±30 ... ±180°); ±0.1 % (±15)
Linearity
±0.3 % f.s. (typ.)
Measurement range
0 ... ±15° to 0 ... ±180°, standard ±180°
Signal characteristics
CW, CCW
Material
Stainless steel / aluminium / zinc (depends on the model)
Mounting
Clamps, mounting plate
Protection class
IP67 (IP67/IP69K option)
Shock
EN 60068-2-27:1993, 100 g/11 ms, 100 shocks
Vibration
EN 60068-2-6:1995, 20 g 10 Hz-2 kHz, 10 cycles
OrderCodePTAS2
Modelname
Measurementrange±15...±180°instepsof15°
15 / 30 / 45 / ... / 165 / 180
Output (see page 26)
U6
= 0.5 ... 4.5 V ratiometric
U2
= 0.5 ... 10 V
I1
= 4 ... 20 mA, 3 wire
Signal characteristics
CW
= Signal increasing CW
CCW
= Signal increasing CCW
Connection
KAB3M
= Cable, standard length 3 m, IP67
KAB3M69K = Cable, standard length 3 m, IP67/IP69K
M12A5
= 5-pin socket M12 axial (compatible with 4-pin connector)
M12R5
= 5-pin socket M12 radial (compatible with 4-pin connector), (in preparation)
Orderexample:PTAS2-180-I1-CW-KAB3M
Ordercodemountingclamps(set of 3 pieces)
POSITILT®
PTAS2
Magneticinclinationsensorwithanalogoutput
Ordercodeconnectorcable (see accessories page 32)


Similar Part No. - PTAS2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTAS2120RBGR TI-PTAS2120RBGR Datasheet
1Mb / 63P
TAS2120 8.2W Mono Digital Input Class-D Speaker Amp with Integrated 14.75V Class- H Boost
AUGUST 2024
PTAS2320RBGR TI-PTAS2320RBGR Datasheet
1Mb / 48P
TAS2320 15W Mono Digital Input Class-D Speaker Amp with 15V Support
SEPTEMBER 2024
PTAS2562YFPR TI1-PTAS2562YFPR Datasheet
229Kb / 8P
6-W Boosted Class-D Audio Amplifier with IV Sense
PTAS2563RPPT TI-PTAS2563RPPT Datasheet
5Mb / 127P
TAS2563 6.1-W Boosted Class-D Audio Amplifier With Integrated DSP And IV Sense
PTAS2564YBGR TI1-PTAS2564YBGR Datasheet
1Mb / 108P
TAS2564 7-W Boosted Class-D Audio Amplifier With <10關V Noise And IV Sense
More results

Similar Description - PTAS2

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
PTAM20 ASM-SENSOR-PTAM20 Datasheet
228Kb / 1P
Inclination Sensor with Analog Output
PTAM2 ASM-SENSOR-PTAM2 Datasheet
764Kb / 6P
Inclination Sensor with Analog Output
PRAS27 ASM-SENSOR-PRAS27 Datasheet
648Kb / 10P
Magnetic Angle Sensor with Analog Output
PRAS2EX ASM-SENSOR-PRAS2EX Datasheet
708Kb / 8P
Magnetic Angle Sensor with Analog Output
PRAS3EX ASM-SENSOR-PRAS3EX Datasheet
719Kb / 8P
Magnetic Angle Sensor with Analog Output
PRAS5 ASM-SENSOR-PRAS5 Datasheet
767Kb / 16P
Magnetic Angle Sensor with Analog Output
PRAS5EX ASM-SENSOR-PRAS5EX Datasheet
561Kb / 8P
Magnetic Angle Sensor with Analog Output
PRAS26 ASM-SENSOR-PRAS26 Datasheet
849Kb / 7P
Magnetic Angle Sensor with Analog Output
PTAM5 ASM-SENSOR-PTAM5 Datasheet
2Mb / 10P
Extremely robust Inclination Sensor with Analog Output
PTAM27 ASM-SENSOR-PTAM27 Datasheet
2Mb / 9P
Universal MEMS Inclination Sensor with Analog Output
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com