Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRAS20 Datasheet(PDF) 33 Page - ASM GmbH

Part # PRAS20
Description  Angle Sensors and Encoders Contents
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

PRAS20 Datasheet(HTML) 33 Page - ASM GmbH

Back Button PRAS20 Datasheet HTML 29Page - ASM GmbH PRAS20 Datasheet HTML 30Page - ASM GmbH PRAS20 Datasheet HTML 31Page - ASM GmbH PRAS20 Datasheet HTML 32Page - ASM GmbH PRAS20 Datasheet HTML 33Page - ASM GmbH PRAS20 Datasheet HTML 34Page - ASM GmbH PRAS20 Datasheet HTML 35Page - ASM GmbH PRAS20 Datasheet HTML 36Page - ASM GmbH PRAS20 Datasheet HTML 37Page - ASM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 52 page
background image
KAB - XM - M12/8F/W/69K - LITZE
KAB - XM - M12/8F/G/69K - LITZE
KAB - XM - M12/8F/W - LITZE
IP69K:
KAB - XM - M12/8F/G - LITZE
IP69K:
ASM
CAT-PR/PT-E-07
33
www.asm-sensor.com
Connector cable for 
POSIROT® 
angle sensors
8 pins M1
The 8-core screened cable is supplied with a
mating 8-pin 90° M1 connector at one end
and 8 wires at the other end. Available lengths
are , 5 and 10 m.
Order code:
Length in m
Signal wiring  
M12, 8 pin
Connector pin / cable color
1

3
4
5
6
7
8
White
Brown
Green
Yellow
Grey
Pink
Blue
Red
Connector cable for 
POSIROT® 
angle sensors
8 pins M1
The 8-core screened cable is supplied with a
mating 8-pin M1 connector at one end and 8
wires at the other end. Available lengths are ,
5 and 10 m.
Order code:
Length in m
POSIROT ® 
Accessories 
Connector Cables



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com