Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WS2.1 Datasheet(PDF) 3 Page - ASM GmbH

Part # WS2.1
Description  Analog or A/D converted synchronous serial output
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

WS2.1 Datasheet(HTML) 3 Page - ASM GmbH

  WS2.1 Datasheet HTML 1Page - ASM GmbH WS2.1 Datasheet HTML 2Page - ASM GmbH WS2.1 Datasheet HTML 3Page - ASM GmbH WS2.1 Datasheet HTML 4Page - ASM GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
KAT-WS-E-96
ASM GmbH
Compact Sensor for Medium Ranges
• Protection Class IP50
• Measurement range:
0 ... 2500 mm
0 ... 98.43 in
• Incremental Encoder Output
Order Example: WS2.1 - 2500-5- PP530
WS2.1 Position Sensor
with Incremental Encoder
Order Code Mating Connector
WS-CONN-D8
Specifications
Outputs
Incremental Encoder Output with differential
Push-pull Circuit for reliable Data Transmission.
The output is compatible with LD, TTL and
CMOS.
Resolution
5 or 10 pulses per mm; 127 or 254 pulses per
in.
Distance between Reference Pulses
200 mm; 7.87 in
Material
Aluminium and Stainless Steel.
Cable: Stainless Steel
Sensing Device
Incremental encoder
Connector
Male Socket 8 pin DIN 45326
Linearity
±0,05 % Full Scale
Protection Class (IEC 529)
IP50
Weight
1.8 kg approx.
Environmental
Immunity to Interference (EMC)
Refer to Output Specification
Temperature
Refer to Output Specification
Humidity
85 % R.H. max. non condensing
Shock
30 g’s for 11 ms Duration
Vibration
10 g’s max. (50 Hz/1h)
Order Code WS2.1
Model Name
Measurement Range (in mm)
2500 (smaller measurement ranges included)
Pulses per mm
5
= 5 Pulses per mm; 127 pulses per in
10
= 10 Pulses per mm; 254 pulses per in
Output
WS2.1
PP530
Incremental
Discontinued
model
Don`t
use for
further
developments
Replaced
by WS17KT



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com