Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC5952DAPR Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5952DAPR
Description  24-Channel, Constant-Current LED Driver with Global Brightness Control and LED Open-Short Detection
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC5952DAPR Datasheet(HTML) 21 Page - Texas Instruments

Back Button TLC5952DAPR Datasheet HTML 17Page - Texas Instruments TLC5952DAPR Datasheet HTML 18Page - Texas Instruments TLC5952DAPR Datasheet HTML 19Page - Texas Instruments TLC5952DAPR Datasheet HTML 20Page - Texas Instruments TLC5952DAPR Datasheet HTML 21Page - Texas Instruments TLC5952DAPR Datasheet HTML 22Page - Texas Instruments TLC5952DAPR Datasheet HTML 23Page - Texas Instruments TLC5952DAPR Datasheet HTML 24Page - Texas Instruments TLC5952DAPR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
CurrentData
SOUT
(CommonShiftRegisterBit24)
R0B
On
G0B
On
B7B
On
LOD
B7B
LOD
G0B
LOD
R0B
High
23
Cont
0
Cont
LOD
G7B
23
Cont
LOD
R0B
1
Cont
TEF
B
LOD
R0A
23
Cont
High
B7B
On
Low
0A
On
Low
LOD
B7B
TEF
A
SCLK
SIN
OUTR0
ON
OFF
1
2
3
4
5
6
LAT
On/OffDataLatch
(Internal)
BLANK
ON
OFF
ON
OFF
ON
OFF
23
24
25
G7B
On
R7B
On
B6B
On
R0B
On
G0B
On
B0B
On
R6B
On
22
Cont
21
Cont
0
Cont
LOD
G7A
LOD
R7A
LOD
B6A
LOD
G6A
LOD
R6A
LOD
G0A
LOD
G7B
LOD
R7B
LOD
G0B
LOD
R0B
LOD
B7A
1
2
3
23
24
25
PreviousData
CurrentData
1
Cont
(V
)
OUTRn/Gn/BnH
(V
)
OUTRn/Gn/BnL
ControlDataLatch
(Internal)
PreviousData
OUTG0
OUTB0
OUTR1
OUTR7
ON
OFF
ON
OFF
ON
OFF
OUTG7
OUTB7
CommonShiftRegister
Bit0(Internal)
23
Cont
High
B7B
On
Low
G7B
On
R7B
On
B6B
On
G0B
On
B0B
On
22
Cont
2
Cont
CommonShiftRegister
Bit1(Internal)
High
Low
B7B
On
G7B
On
R7B
On
B0B
On
R1B
On
3
Cont
1
Cont
2
Cont
CommonShiftRegister
Bit23(Internal)
Low
LOD
R0A
LOD
G7A
LOD
R7A
LOD
B6A
LOD
G6A
LOD
B7A
LOD
R6A
LOD
R0A
LOD
G0A
LOD
R7B
LOD
B6B
LOD
G0B
LOD
R0B
OutputOn/OffDataWrite
ControlDataWrite
G6B
On
G6B
On
B6B
On
LOD
B5A
Outputcurrent
ischanged
byBCdata.
2
Cont
SIDdataarecopiedtothe25-bit
commonshiftregisteratthe
risingedgeofLAT.
TheLOD/LSDresultofeachLEDcomesfromSOUT.
Thedatainthecommonshiftregisterarecopied
totheon/offdatalatchattherisingedgeofLAT.
Thedatainthecommonshiftregisterarecopied
tothecontroldatalatchattherisingedgeofLAT.
REDoutputsareturnedoffbytheoutputon/offdata.
TLC5952
www.ti.com........................................................................................................................................................................................................ SBVS129 – MAY 2009
Figure 34 shows the operation to write data into the common shift register and control data latch.
Figure 34. Data Write Operation
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s): TLC5952



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com