Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WS17KT-2000-R1K-L10 Datasheet(PDF) 2 Page - ASM GmbH

Part # WS17KT-2000-R1K-L10
Description  analog or SSI output
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

WS17KT-2000-R1K-L10 Datasheet(HTML) 2 Page - ASM GmbH

  WS17KT-2000-R1K-L10 Datasheet HTML 1Page - ASM GmbH WS17KT-2000-R1K-L10 Datasheet HTML 2Page - ASM GmbH WS17KT-2000-R1K-L10 Datasheet HTML 3Page - ASM GmbH WS17KT-2000-R1K-L10 Datasheet HTML 4Page - ASM GmbH WS17KT-2000-R1K-L10 Datasheet HTML 5Page - ASM GmbH WS17KT-2000-R1K-L10 Datasheet HTML 6Page - ASM GmbH WS17KT-2000-R1K-L10 Datasheet HTML 7Page - ASM GmbH WS17KT-2000-R1K-L10 Datasheet HTML 8Page - ASM GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ASM
CAT-WS-E-05
17
www.asm-sensor.com
Dimensions (mm)
Range
A
1500
17.5
2000
9.5
2500
2.5
Cable Forces and
Weights
typical at 20 °C
Range
[mm]
Weight (approx.)
[kg]
Maximum pull-out force
[N]
Minimum pull-in force
[N]
1500
1.4
11.0
6.2
2000
1.4
8.5
4.8
2500
1.5
5.5
3.5
3000
2.9
14.5
10.3
4000
2.9
12.7
9.1
5000
5.3
13.0
9.3
6250
5.5
10.2
7.3
10000
6.0
16.5
9.1
12500
6.0
16.5
9.1
15000
6.0
16.5
9.1
Outline drawing
WS17KT-1500 /
2000 / 2500
Dimensions informative only.
For guaranteed dimensions consult factory
Model WS17KT
with analog or SSI output



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com