Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WS58C Datasheet(PDF) 2 Page - ASM GmbH

Part # WS58C
Description  Absolute Encoder Output
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

WS58C Datasheet(HTML) 2 Page - ASM GmbH

  WS58C Datasheet HTML 1Page - ASM GmbH WS58C Datasheet HTML 2Page - ASM GmbH WS58C Datasheet HTML 3Page - ASM GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
10,3 [.404]
30 [1.181]
76,5 [3.012]
62 [2.441]
14 [.551]
M4
78,5 [3.091]
11 [.433]
(
)
40 [1.575]
4x M4 - 5tief
[M4 - .197 deep]
17,5 [.689]
ASM GmbH
PN-E-09

www.asm-sensor.com
Cable forces,
typical at 20 °C
Measurement range
Max. pull-out force
Min. pull-in force
[mm]
[N]
[N]
2500
4.0
1.
Outline drawing
HSSI
Dimensions informative only.
For guaranteed dimensions consult factory.
POSIWIRE®
WS58C
with Absolute Encoder Output



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com