Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WS10EX-125-R1K-L05 Datasheet(PDF) 2 Page - ASM GmbH

Part # WS10EX-125-R1K-L05
Description  analog output Dust explosion-proof
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

WS10EX-125-R1K-L05 Datasheet(HTML) 2 Page - ASM GmbH

  WS10EX-125-R1K-L05 Datasheet HTML 1Page - ASM GmbH WS10EX-125-R1K-L05 Datasheet HTML 2Page - ASM GmbH WS10EX-125-R1K-L05 Datasheet HTML 3Page - ASM GmbH WS10EX-125-R1K-L05 Datasheet HTML 4Page - ASM GmbH WS10EX-125-R1K-L05 Datasheet HTML 5Page - ASM GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ASM
CAT-WS-E-05
39
www.asm-sensor.com
Cable Forces
typical at 20 °C
Range
Maximum pull-out Force
Minimum pull-in Force
mm
[N]
[N]
100
4.7
3.0
125
4.6
2.4
375
7.4
3.9
500
5.5
2.8
750
7.6
3.8
1000
5.3
2.9
1250
4.6
2.4
Outline drawing
Model WS10EX
with analog output
Dust explosion-proof
Connection for electrical screen
Option
SB0
Mounting holes
4 x M5x8
Connection for
electrical screen
Cable
Dimensions
Range
AB, C
E
[mm
]
375, 750
12,5
B=31; C=38,5
120,5
100, 125, 500
8,0
1000, 1250
8,0
Dimensions informative only.
For guaranteed dimensions consult factory



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com