Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WS7.5-10000-R1K-L05 Datasheet(PDF) 3 Page - ASM GmbH

Part # WS7.5-10000-R1K-L05
Description  analog or SSI output
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

WS7.5-10000-R1K-L05 Datasheet(HTML) 3 Page - ASM GmbH

  WS7.5-10000-R1K-L05 Datasheet HTML 1Page - ASM GmbH WS7.5-10000-R1K-L05 Datasheet HTML 2Page - ASM GmbH WS7.5-10000-R1K-L05 Datasheet HTML 3Page - ASM GmbH WS7.5-10000-R1K-L05 Datasheet HTML 4Page - ASM GmbH WS7.5-10000-R1K-L05 Datasheet HTML 5Page - ASM GmbH WS7.5-10000-R1K-L05 Datasheet HTML 6Page - ASM GmbH WS7.5-10000-R1K-L05 Datasheet HTML 7Page - ASM GmbH WS7.5-10000-R1K-L05 Datasheet HTML 8Page - ASM GmbH WS7.5-10000-R1K-L05 Datasheet HTML 9Page - ASM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
28
CAT-WS-E-05
ASM
www.asm-sensor.com
Cable Forces
typical at 20 °C
Range
[mm]
Maximum pull-out force
[N]
Minimum pull-in force
[N]
10000 - 30000
8.0
4.2
40000
7.0
3.4
Specifications
(Continuation)
Linearity
Analog up to ±0.05 % f.s.
Encoder up to ±0.01 % f.s.
Protection class
IP52
Weight
10 kg max.
Environmental
EMC
Refer to output specification
Temperature
Refer to output specification
Dimensions
Output
Design
A
B
C
Analog
Closed housing
with connector
––
34
(Connector position)
Encoder
Mounting flange
Depending on encoder type
79.5
ME
–
–
Fastening flange
Mounting flange by ASM
Connectable coupling by ASM
Model WS7.5
with analog output,
or with absolute or incremental encoder output
Dimensions informative only.
For guaranteed dimensions
consult factory
Option SB0
Outline drawing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com