Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS-53230D-C2-R0 Datasheet(PDF) 1 Page - Advanced Thermal Solutions, Inc.

Part # ATS-53230D-C2-R0
Description  High Performance BGA Cooling
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATS [Advanced Thermal Solutions, Inc.]
Direct Link  http://www.qats.com
Logo ATS - Advanced Thermal Solutions, Inc.

ATS-53230D-C2-R0 Datasheet(HTML) 1 Page - Advanced Thermal Solutions, Inc.

  ATS-53230D-C2-R0 Datasheet HTML 1Page - Advanced Thermal Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Product Details
DIMENSION A
DIMENSION B
DIMENSION C
DIMENSION D
INTERFACE MATERIAL
FINISH
Notes:
Dimension C = heat sink height from bottom of the base to the top of the fin field.
ATS-53230D-C1-R0 is a subsitute item available utilizing an equivalent phase change
material (Chomerics T766).
Thermal performance data are provided for reference only. Actual performance may vary
by application.
ATS reserves the right to update or change its products without notice to improve the
design or performance.
Optional maxiGRIP™ Installation/Removal Tool Set P/N: MGT230
Contact ATS to learn about custom options available.
1)
2)
3)
4)
5)
6)
thermal Performance
For more information, to find a distributor or to place an order, visit www.qats.com or
call: 781.769.2800 (North America); +31 (0) 3569 84715 (Europe).
ATS PART # ATS-53230D-C2-R0
Features & Benefits
High Performance BGA Cooling
Solutions w/ maxiGRIP™ Attachment
REV1_0908
AIR VELOCITy
THERMAL RESISTANCE
FT/MIN
M/S
°C/W (UNDUCTED FLOW)
°C/W (DUCTED FLOW)
200
1.0
300
1.5
400
2.0
500
2.5
600
3.0
700
3.5
800
4.0
16.8
12.4
10.5
9.3
8.5
7.8
7.3
7.6
23 mm
23 mm
9.5 mm
23 mm
BLACK-ANODIZED
SAINT-GOBAIN C1100F
High aspect ratio, straight fin heat sinks that are ideal for
compact PCB environments
maxiGRIP™ attachment applies steady, even pressure to
the component and does not require holes in the PCB
Designed specifically for BGAs and other surface mount
packages
Meets Telcordia GR-63-Core Office Vibration; ETSI 300
019 Transportation Vibration; and MIL-STD-810 Shock
Testing and Unpackaged Drop Testing standards
Comes preassembled with high performance, phase
changing, thermal interface material
»
»
»
»
»
C
B
A
D
*Image above is for illustration purposes only.


Similar Part No. - ATS-53230D-C2-R0

ManufacturerPart #DatasheetDescription
logo
Advanced Thermal Soluti...
ATS-53230D-C1-R0 ATS-ATS-53230D-C1-R0 Datasheet
266Kb / 1P
BGA Heat Sink - High Performance
Rev - 040517
More results

Similar Description - ATS-53230D-C2-R0

ManufacturerPart #DatasheetDescription
logo
Advanced Thermal Soluti...
ATS-53190K-C2-R0 ATS-ATS-53190K-C2-R0 Datasheet
293Kb / 1P
High Performance BGA Cooling
REV1_0908
ATS-53250D-C2-R0 ATS-ATS-53250D-C2-R0 Datasheet
288Kb / 1P
High Performance BGA Cooling
REV1_0908
ATS-53270K-C2-R0 ATS-ATS-53270K-C2-R0 Datasheet
294Kb / 1P
High Performance BGA Cooling
REV1_0908
ATS-53325K-C2-R0 ATS-ATS-53325K-C2-R0 Datasheet
296Kb / 1P
High Performance BGA Cooling
REV1_0908
ATS-54150D-C2-R0 ATS-ATS-54150D-C2-R0 Datasheet
274Kb / 1P
High Performance BGA Cooling
REV1_0908
ATS-54150W-C2-R0 ATS-ATS-54150W-C2-R0 Datasheet
291Kb / 1P
High Performance BGA Cooling
REV1_0908
ATS-54170D-C2-R0 ATS-ATS-54170D-C2-R0 Datasheet
274Kb / 1P
High Performance BGA Cooling
REV1_0908
ATS-54170W-C2-R0 ATS-ATS-54170W-C2-R0 Datasheet
292Kb / 1P
High Performance BGA Cooling
REV1_0908
ATS-54190W-C2-R0 ATS-ATS-54190W-C2-R0 Datasheet
292Kb / 1P
High Performance BGA Cooling
REV1_0908
ATS-54210K-C2-R0 ATS-ATS-54210K-C2-R0 Datasheet
280Kb / 1P
High Performance BGA Cooling
REV1_0908
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com