Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WS12-100-R1K-L25 Datasheet(PDF) 5 Page - ASM GmbH

Part # WS12-100-R1K-L25
Description  analog output Dust explosion-proof
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

WS12-100-R1K-L25 Datasheet(HTML) 5 Page - ASM GmbH

  WS12-100-R1K-L25 Datasheet HTML 1Page - ASM GmbH WS12-100-R1K-L25 Datasheet HTML 2Page - ASM GmbH WS12-100-R1K-L25 Datasheet HTML 3Page - ASM GmbH WS12-100-R1K-L25 Datasheet HTML 4Page - ASM GmbH WS12-100-R1K-L25 Datasheet HTML 5Page - ASM GmbH  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
ASM
CAT-WS-E-05
59
www.asm-sensor.com
Signal Conditioner
PMU, adjustable
Voltage output and
current output (3 wire)
Excitation voltage
+18 ... 27 V DC
Excitation current
50 mA max.
Voltage output
Output current
Output load
0 ... 10 V
10 mA max.
1k
W min.
Current output
Load resistor
4 ... 20 mA (3 wire)
500
W max.
Adjustment
Activation of offset and gain adjust
Scalable range
Connect with excitation GND (0 V)
90 % max. full scale
Stability (Temperature)
±50 x 10
-6 / °C full scale
Protection
Reverse polarity, short circuit
Output noise
1 mVeff
Operating temperature
-20 ... +85 °C
EMC
According to EN 61326:2004
Signal wiring
Output signals
Connector pin no.
Excitation +
1
Excitation GND
2
Signal 0...10 V +
3
Signal 0...10 V GND
4
Signal 4...20 mA +
5
Signal 4...20 mA GND
6
Offset
7
Gain
8
Signal diagram
View to solder
terminals
Connection
Mating Connector
Excitation +
Excitation GND
Signal 0...10 V +
Signal 0...10 V GND
Signal 4...20 mA +
Signal 4...20 mA GND
PMU
CONN-DIN-8F-W
CONN-M12-8F-G
Output Specification
PMU for WS position sensors



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com