Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4066 Datasheet(PDF) 21 Page - Linear Technology

Part # LTC4066
Description  USB Power Controller and Li-Ion Linear Charger with Low Loss Ideal Diode
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4066 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC4066 Datasheet HTML 17Page - Linear Technology LTC4066 Datasheet HTML 18Page - Linear Technology LTC4066 Datasheet HTML 19Page - Linear Technology LTC4066 Datasheet HTML 20Page - Linear Technology LTC4066 Datasheet HTML 21Page - Linear Technology LTC4066 Datasheet HTML 22Page - Linear Technology LTC4066 Datasheet HTML 23Page - Linear Technology LTC4066 Datasheet HTML 24Page - Linear Technology LTC4066 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
LTC4066/LTC4066-1
21
4066fc
APPLICATIONS INFORMATION
Power conscious designs may want to use thermistors
whose room temperature value is greater than 10k. Vishay
Dale has a number of values of thermistor from 10k to
100k that follow the “R-T Curve 2.” Using these directly
in the manor spelled out previously in the NTC Thermistor
section will give temperature trip points of approximately
3°C and 47°C, a delta of 44°C. This delta in temperature
can be moved in either direction by changing the value of
RNOM with respect to RNTC. Increasing RNOM will move
both trip points to lower temperatures. Likewise a decrease
in RNOM with respect to RNTC will move the trip points to
higher temperatures. To calculate RNOM for a shift to lower
temperature for example, use the following equation:
R
R
Rat
C
NOM
COLD
NTC
=°
2 815
25
.
•
where RCOLD is the resistance ratio of RNTC at the desired
cold temperature trip point. If you want to shift the trip points
to higher temperatures, use the following equation:
R
R
Rat
C
NOM
HOT
NTC
=°
0 4086
25
.
•
where RHOT is the resistance ratio of RNTC at the desired
hot temperature trip point.
Here is an example using a 100k R-T Curve 1 Thermistor
from Vishay Dale. The difference between the trip points
is 44°C, from before, and we want the cold trip point to
be 0°C, which would put the hot trip point at 44°C. The
RNOM needed is calculated as follows:
R
R
Rat
C
kk
NOM
COLD
NTC
=°
=Ω =
Ω
2 815
25
3 266
2 815
100
116
.
•
.
.
•
The nearest 1% value for RNOM is 115k. This is the value
used to bias the NTC thermistor to get cold and hot trip
points of approximately 0°C and 44°C respectively. To
extend the delta between the cold and hot trip points,
a resistor (R1) can be added in series with RNTC (see
Figure 3b). The values of the resistors are calculated as
follows:
R
RR
RR
R
R
NOM
COLD
HOT
COLD
HOT
HOT
=
= ⎛
⎝⎜
⎞
⎠⎟ ()
–
.– .
.
.– .
•–
–
2 815 0 4086
1
0 4086
2 815 0 4086
where RNOM is the value of the bias resistor, RHOT and
RCOLD are the values of RNTC at the desired temperature
trip points. Continuing the example from before with a
desired hot trip point of 50°C:
R
RR
k
k
k nearest
Rk
k
k is nearest
NOM
COLD
HOT
==
()
=Ω
=
⎛
⎝⎜
⎞
⎠⎟ ()
⎡
⎣
⎢
⎤
⎦
⎥
=Ω
–
.– .
•.
– .
.– .
.,
%
•
.
.– .
•
.
–.
–.
.,
.
%
2 815 0 4086
100
3 266 0 3602
2 815 0 4086
120 8
121
1
1 100
0 4086
2 815 0 4086
3 266 0 3602
0 3602
13 3
13 3
1
The final solution is as shown if Figure 3b where RNOM =
121k, R1 = 13.3k and RNTC = 100k at 25°C.
Gas Gauge
The extremely low impedance of the ideal diode between
BAT and OUT (typically 50mΩ) allows users to connect
all of their loads to the OUT pin. Such a configuration puts
the LTC4066/LTC4066-1 in a unique position whereby it
can monitor all of the current that flows into and out of the
battery. Two output pins, ISTAT and POL, are provided to
enable users to monitor and integrate the battery current
for a true gas gauge function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com