Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WS12-2000-R1K-L05- Datasheet(PDF) 3 Page - ASM GmbH

Part # WS12-2000-R1K-L05-
Description  analog or SSI output
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

WS12-2000-R1K-L05- Datasheet(HTML) 3 Page - ASM GmbH

  WS12-2000-R1K-L05- Datasheet HTML 1Page - ASM GmbH WS12-2000-R1K-L05- Datasheet HTML 2Page - ASM GmbH WS12-2000-R1K-L05- Datasheet HTML 3Page - ASM GmbH WS12-2000-R1K-L05- Datasheet HTML 4Page - ASM GmbH WS12-2000-R1K-L05- Datasheet HTML 5Page - ASM GmbH WS12-2000-R1K-L05- Datasheet HTML 6Page - ASM GmbH WS12-2000-R1K-L05- Datasheet HTML 7Page - ASM GmbH WS12-2000-R1K-L05- Datasheet HTML 8Page - ASM GmbH WS12-2000-R1K-L05- Datasheet HTML 9Page - ASM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
36
CAT-WS-E-05
ASM
www.asm-sensor.com
Sensor for hostile environments
· Protection class IP67
· Measurement ranges:
0 ... 1250 mm to 0 ... 3000 mm
· Incremental encoder output
Order Code WS12
Model Name
Measurement Range (in mm)
1250 (all smaller ranges included) / 1500 / 2000 / 2500 / 3000
Pulses per mm
10
= 10 Pulses per mm (1250, 1500 mm)
5
= 5 Pulses per mm (2000, 2500, 3000 mm)
Other numbers of pulses on request
Output (see page 60)
IE24LI
= Incremental output TTL compatible inverted (up to 1250 mm range only)
IE24HI
= Incremental output HTL compatible inverted (up to 1250 mm range only)
PP530
= Incremental output TTL and HTL compatible
Cable fixing
M4
= M4 cable fixing
SB0
= cable clip
Connection
M12
= 8 pin socket M12
D8
= 8 pin socket DIN 45326
Order Example: WS12 - 1500 - 10 - PP530 - M4 - M12
Model WS12
with incremental encoder output
WS12
Specifications
Outputs
Incremental encoder output for reliable data
transmission. The output is compatible with TTL
and HTL.
Resolution
5 or 10 pulses per mm (1/40 mm with external
edge counting mode)
Material
Aluminium and stainless steel.
Cable: stainless steel
Sensing device
Incremental encoder
Connector
Male socket 8 pin (M12 or DIN 45326)
Linearity
±0.05 % full scale
Protection Class
IP67 (only when the electrical plug is correctly
assembled and connected)
Weight
Up to 1500 mm: 1 kg approx.
2000 mm and greater: 1.5 kg approx.
Environmental
EMC
Refer to output specification
Temperature
Refer to output specification
Incremental
Order Code Mating Connector (see accessories p. 82) D8:
M12: CONN-M12-8F-G
CONN-DIN-8F-W



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com