Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4066-1 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC4066-1
Description  USB Power Controller and Li-Ion Linear Charger with Low Loss Ideal Diode
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4066-1 Datasheet(HTML) 2 Page - Linear Technology

  LTC4066-1 Datasheet HTML 1Page - Linear Technology LTC4066-1 Datasheet HTML 2Page - Linear Technology LTC4066-1 Datasheet HTML 3Page - Linear Technology LTC4066-1 Datasheet HTML 4Page - Linear Technology LTC4066-1 Datasheet HTML 5Page - Linear Technology LTC4066-1 Datasheet HTML 6Page - Linear Technology LTC4066-1 Datasheet HTML 7Page - Linear Technology LTC4066-1 Datasheet HTML 8Page - Linear Technology LTC4066-1 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
LTC4066/LTC4066-1
2
4066fc
ABSOLUTE MAXIMUM RATINGS (Notes 1 to 6)
24 23 22 21 20 19
7
8
9
TOP VIEW
25
UF PACKAGE
24-LEAD (4mm
4mm) PLASTIC QFN
10 11 12
6
5
4
3
2
1
13
14
15
16
17
18
OUT
BAT
OUT
BAT
BAT
NC
CHRG
ACPR
GND
VNTC
NTC
HPWR
TJMAX = 125°C, θJA = 37°C/W
EXPOSED PAD (PIN #) IS GND, MUST BE SOLDERED TO PCB
24 23 22 21 20 19
7
8
9
TOP VIEW
25
PF PACKAGE
24-LEAD (4mm
4mm) PLASTIC UTQFN
10 11 12
6
5
4
3
2
1
13
14
15
16
17
18
OUT
BAT
OUT
BAT
BAT
NC
CHRG
ACPR
GND
VNTC
NTC
HPWR
TJMAX = 125°C, θJA = 37°C/W
EXPOSED PAD (PIN #) IS GND, MUST BE SOLDERED TO PCB
PIN CONFIGURATION
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC4066EUF#PBF
LTC4066EUF#TRPBF
4066
24-Lead (4mm
× 4mm) Plastic QFN
–40°C to 85°C
LTC4066EUF-1#PBF
LTC4066EUF-1#TRPBF
40661
24-Lead (4mm
× 4mm) Plastic QFN
–40°C to 85°C
LTC4066EPF#PBF
LTC4066EPF#TRPBF
4066T
24-Lead (4mm
× 4mm) Plastic UTQFN –40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
Terminal Voltage
t < 1ms and Duty Cycle < 1%
IN, OUT................................................... –0.3V to 7V
Steady State
IN, OUT, BAT ........................................... –0.3V to 6V
NTC, VNTC, TIMER, PROG,
CLPROG, ISTAT ....................... –0.3V to (VCC + 0.3V)
CHRG, HPWR, SUSP, SHDN,
WALL, ACPR, POL, CLDIS ...................... –0.3V to 6V
Pin Current (DC)
IN (Note 7).......................................................... 2.7A
OUT, BAT (Note 7) .................................................. 5A
Operating Temperature Range................. –40°C to 85°C
Maximum Operating Junction Temperature ......... 125°C
Storage Temperature Range.................. –65°C to 125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com