Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WS12-500-R1K-L25 Datasheet(PDF) 2 Page - ASM GmbH

Part # WS12-500-R1K-L25
Description  analog output Dust explosion-proof
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

WS12-500-R1K-L25 Datasheet(HTML) 2 Page - ASM GmbH

  WS12-500-R1K-L25 Datasheet HTML 1Page - ASM GmbH WS12-500-R1K-L25 Datasheet HTML 2Page - ASM GmbH WS12-500-R1K-L25 Datasheet HTML 3Page - ASM GmbH WS12-500-R1K-L25 Datasheet HTML 4Page - ASM GmbH WS12-500-R1K-L25 Datasheet HTML 5Page - ASM GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ASM
CAT-WS-E-05
41
www.asm-sensor.com
Cable Forces
typical at 20 °C
Range
Maximum Pull-out Force
Minimum Pull-in Force
[mm]
[N]
[N]
100
5.2
2.8
125
4.6
2.5
500
5.9
2.6
1000
5.5
2.4
1250
4.8
2.1
1500
10.4
6.4
2000
8.1
5.0
2500
6.7
4.0
3000
6.2
3.0
Outline drawing
Model WS12EX
with analog output
Dust explosion-proof
Connection for
electrical screen
Cable
Dimensions
Range
A
B
C...E
F (F*)
[mm
]
100; 500; 1000
18.5
112
C=14, D=43, E=71
141 (149)
125; 1250
15.0
112
1500
11.0
127
2000
22.0
127
C=15, D=79, E=109
179 (187)
2500
13.5
127
3000
9.5
127
Option
SB0
Dimensions informative only.
For guaranteed dimensions consult factory



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com