Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WS12-2000-R1K-L25 Datasheet(PDF) 4 Page - ASM GmbH

Part # WS12-2000-R1K-L25
Description  analog or SSI output
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

WS12-2000-R1K-L25 Datasheet(HTML) 4 Page - ASM GmbH

  WS12-2000-R1K-L25 Datasheet HTML 1Page - ASM GmbH WS12-2000-R1K-L25 Datasheet HTML 2Page - ASM GmbH WS12-2000-R1K-L25 Datasheet HTML 3Page - ASM GmbH WS12-2000-R1K-L25 Datasheet HTML 4Page - ASM GmbH WS12-2000-R1K-L25 Datasheet HTML 5Page - ASM GmbH WS12-2000-R1K-L25 Datasheet HTML 6Page - ASM GmbH WS12-2000-R1K-L25 Datasheet HTML 7Page - ASM GmbH WS12-2000-R1K-L25 Datasheet HTML 8Page - ASM GmbH WS12-2000-R1K-L25 Datasheet HTML 9Page - ASM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
ASM
CAT-WS-E-05
37
www.asm-sensor.com
Cable Forces
typical at 20 °C
Range
[mm]
Max. Pull-out Force
[N]
Min. Pull-in Force
[N]
1250
6.6
2.7
1500
10.6
6.5
2000
5.7
4.1
2500
5.7
4.1
3000
5.8
4.0
Outline drawing
Option
SB0
Dimensions informative only.
For guaranteed dimensions consult factory
Dimensions
Range [mm
]
A
B
C
D
E
F (F*)
1250
18,5
137
14
43
71
141 (149)
1500
11
152
14
43
71
141 (149)
2000
9,5
152
15
79
109
179 (187)
2500
9,5
152
15
79
109
179 (187)
3000
9,5
152
15
79
109
179 (187)
Model WS12
with incremental encoder output



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com