Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WS10-125-R1K Datasheet(PDF) 9 Page - ASM GmbH

Part # WS10-125-R1K
Description  analog or SSI output
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

WS10-125-R1K Datasheet(HTML) 9 Page - ASM GmbH

Back Button WS10-125-R1K Datasheet HTML 2Page - ASM GmbH WS10-125-R1K Datasheet HTML 3Page - ASM GmbH WS10-125-R1K Datasheet HTML 4Page - ASM GmbH WS10-125-R1K Datasheet HTML 5Page - ASM GmbH WS10-125-R1K Datasheet HTML 6Page - ASM GmbH WS10-125-R1K Datasheet HTML 7Page - ASM GmbH WS10-125-R1K Datasheet HTML 8Page - ASM GmbH WS10-125-R1K Datasheet HTML 9Page - ASM GmbH WS10-125-R1K Datasheet HTML 10Page - ASM GmbH  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
60
CAT-WS-E-05
ASM
www.asm-sensor.com
IE24LI and IE24HI
incremental
IE24LI
IE24HI
Excitation voltage
5 V DC ±10 %
10 … 30 V DC
Excitation current
100 mA max.
Output frequency
200 kHz
Output
Push-pull and inverted signals
Output current
10 mA max.
Output voltage
Depending on the excitation voltage
Stability (temperature)
±20 x 10
-6 / °C f.s. (sensor mechanism)
Operation temperature
-20 … +85 °C
Protection
Short circuit
EMC
According to EN 61326:2004
Signal wiring
Output signals
Cable color
Connector pin no.
Excitation +
Brown
1
Excitation GND
White
2
Signal B (A + 90°)
Grey
3
Signal A
Green
4
Signal B
Pink
5
Signal A
Yellow
6
Signal Z (reference pulse)
Blue
7
Signal Z
Red
8
Output signals
CONN-DIN-8F-W
View to solder
terminals
Connection
Mating connector
Excitation +
Excitation GND
Signal A
Signal B
Signal A
Signal B
Signal Z (reference pulse)
Signal Z
Encoder
IE24LI
IE24HI
Output circuit and
recommended
processing input
circuit
CONN-M12-8F-G
Output Specifications
IE24LI and IE24HI for WS position sensors



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com