Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WS10-375-R1K Datasheet(PDF) 2 Page - ASM GmbH

Part # WS10-375-R1K
Description  analog or SSI output
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

WS10-375-R1K Datasheet(HTML) 2 Page - ASM GmbH

  WS10-375-R1K Datasheet HTML 1Page - ASM GmbH WS10-375-R1K Datasheet HTML 2Page - ASM GmbH WS10-375-R1K Datasheet HTML 3Page - ASM GmbH WS10-375-R1K Datasheet HTML 4Page - ASM GmbH WS10-375-R1K Datasheet HTML 5Page - ASM GmbH WS10-375-R1K Datasheet HTML 6Page - ASM GmbH WS10-375-R1K Datasheet HTML 7Page - ASM GmbH WS10-375-R1K Datasheet HTML 8Page - ASM GmbH WS10-375-R1K Datasheet HTML 9Page - ASM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
ASM
CAT-WS-E-05
9
www.asm-sensor.com
Dimensions informative only.
For guaranteed dimensions consult factory
Cable Forces
typical at 20 °C
Range
Maximum pull-out force
Minimum pull-in force
mm
[N]
[N]
100
4.7
3.0
125
4.6
2.4
375
7.4
3.9
500
5.5
2.8
750
7.6
3.8
1000
5.3
2.9
1250
4.6
2.4
Dimensions (mm)
Range
A
B, C
D (ADSI16)
375; 750
12.5
B=31,
C=38.5
93.5 (120.5)
100; 125; 500
8.0
1000; 1250
8.0
Outline drawing
Model WS10
with analog or SSI output
Option
SB0



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com