Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSB41BA3D Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # TSB41BA3D
Description  IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB41BA3D Datasheet(HTML) 39 Page - Texas Instruments

Back Button TSB41BA3D Datasheet HTML 35Page - Texas Instruments TSB41BA3D Datasheet HTML 36Page - Texas Instruments TSB41BA3D Datasheet HTML 37Page - Texas Instruments TSB41BA3D Datasheet HTML 38Page - Texas Instruments TSB41BA3D Datasheet HTML 39Page - Texas Instruments TSB41BA3D Datasheet HTML 40Page - Texas Instruments TSB41BA3D Datasheet HTML 41Page - Texas Instruments TSB41BA3D Datasheet HTML 42Page - Texas Instruments TSB41BA3D Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 59 page
background image
00
00
00
00
10
(g)
(e)/(f)
(d)
(c)
(b)
(a)
01
00
00
00
00
00
11
dn
d0, d1, . . .
Link Controls CTL and D
PHY High-Impedance CTL and D Outputs
D0–D7
CTL0, CTL1
SYSCLK
00/01
00/SP
TSB41BA3D
www.ti.com ............................................................................................................................................... SLLS959A – DECEMBER 2008 – REVISED MARCH 2009
When the LLC is ready to send data, the LLC asserts transmit on the CTL terminals as well as sending the first
bits of packet data on the D lines. The transmit state is held on the CTL terminals until the last bits of data have
been sent. The LLC then asserts either hold or idle on the CTL terminals for one clock cycle and then asserts
idle for one additional cycle before releasing the interface bus and putting the CTL and D terminals in a
high-impedance state. The PHY then regains control of the interface bus.
The hold state asserted at the end-of-packet transmission indicates to the PHY that the LLC requests to send
another packet (concatenated packet) without releasing the serial bus. The PHY responds to this concatenation
request by waiting the required minimum packet separation time and then asserting grant as before. This
function can be used to send a unified response after sending an acknowledge or to send consecutive
isochronous packets during a single isochronous period. Unless multispeed concatenation is enabled, all packets
transmitted during a single bus ownership must be of the same speed (because the speed of the packet is set
before the first packet). If multispeed concatenation is enabled (when the EMSC bit of PHY register 5 is set),
then the LLC must specify the speed code of the next concatenated packet on the D terminals when it asserts
hold on the CTL terminals at the end of a packet. The encoding for this speed code is the same as the speed
code that precedes received packet data as given in Table 23.
After sending the last packet for the current bus ownership, the LLC releases the bus by asserting idle on the
CTL terminals for two clock cycles. The PHY begins asserting idle on the CTL terminals one clock after sampling
idle from the link. Note that whenever the D and CTL terminals change direction between the PHY and the LLC,
an extra clock period is allowed so that both sides of the interface can operate on registered versions of the
interface signals.
A.
SPD = Speed code, see Table 23. d0–dn = Packet data
Figure 17. Normal Packet Transmission Timing
The sequence of events for a normal packet transmission is as follows:
a. Transmit operation initiated. The PHY asserts grant on the CTL lines followed by idle to hand over control of
the interface to the link so that the link can transmit a packet. The PHY releases control of the interface (that
is, it places its CTL and D outputs in a high-impedance state) following the idle cycle.
b. Optional idle cycle. The link can assert at most one idle cycle preceding assertion of either hold or transmit.
This idle cycle is optional; the link is not required to assert idle preceding either hold or transmit.
c. Optional hold cycles. The link can assert hold for up to 47 cycles preceding assertion of transmit. These hold
cycle(s) are optional; the link is not required to assert hold preceding transmit.
d. Transmit data. When data is ready to be transmitted, the link asserts transmit on the CTL lines along with the
data on the D lines.
e. Transmit operation terminated. The transmit operation is terminated by the link asserting hold or idle on the
CTL lines. The link asserts hold to indicate that the PHY is to retain control of the serial bus in order to
transmit a concatenated packet. The link asserts idle to indicate that packet transmission is complete and the
PHY can release the serial bus. The link then asserts idle for one more cycle following this hold or idle cycle
before releasing the interface and returning control to the PHY.
f.
Concatenated packet speed code. If multispeed concatenation is enabled in the PHY, then the link asserts a
speed code on the D lines when it asserts hold to terminate packet transmission. This speed code indicates
the transmission speed for the concatenated packet that is to follow. The encoding for this concatenated
Copyright © 2008–2009, Texas Instruments Incorporated
Submit Documentation Feedback
39
Product Folder Link(s): TSB41BA3D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com