Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSB41BA3DPFP Datasheet(PDF) 41 Page - Texas Instruments

Click here to check the latest version.
Part # TSB41BA3DPFP
Description  IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB41BA3DPFP Datasheet(HTML) 41 Page - Texas Instruments

Back Button TSB41BA3DPFP Datasheet HTML 37Page - Texas Instruments TSB41BA3DPFP Datasheet HTML 38Page - Texas Instruments TSB41BA3DPFP Datasheet HTML 39Page - Texas Instruments TSB41BA3DPFP Datasheet HTML 40Page - Texas Instruments TSB41BA3DPFP Datasheet HTML 41Page - Texas Instruments TSB41BA3DPFP Datasheet HTML 42Page - Texas Instruments TSB41BA3DPFP Datasheet HTML 43Page - Texas Instruments TSB41BA3DPFP Datasheet HTML 44Page - Texas Instruments TSB41BA3DPFP Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 59 page
background image
PCLK
(a)
(c)
(b)
CTL0, CTL1
D0–D7
LREQ
LPS
(d)
tLPS_RESET
tRESTORE
TSB41BA3D
www.ti.com ............................................................................................................................................... SLLS959A – DECEMBER 2008 – REVISED MARCH 2009
Table 24. LPS Timing Parameters
SYMBOL
DESCRIPTION
MIN
MAX
UNIT
tLPSL
LPS low time (when pulsed)(1)
0.09
2.6
µs
tLPSH
LPS high time (when pulsed)(1)
0.021
2.6
µs
tLPS_DUTY
LPS duty cycle (when pulsed)(2)
20%
60%
tLPS_RESET
Time for PHY to recognize LPS deasserted and reset the interface
2.6
2.68
µs
tLPS_DISABLE
Time for PHY to recognize LPS deasserted and disable the interface
26.03
26.11
µs
tRESTORE
Time to permit optional isolation circuits to restore during an interface reset
15
23(3)
µs
PHY not in low-power state
60
ns
tCLK_ACTIVATE
Time for PCLK to be activated from reassertion of LPS
PHY in low-power state
5.3
7.3
ms
(1)
The specified tLPSL and tLPSH times are worst-case values appropriate for operation with the TSB41BA3D. These values are broader
than those specified for the same parameters in the 1394a-2000 Supplement (that is, an implementation of LPS that meets the
requirements of 1394a-2000 operates correctly with the TSB41BA3D).
(2)
A pulsed LPS signal must have a duty cycle (ratio of tLPSH to cycle period) in the specified range to ensure proper operation when using
an isolation barrier on the LPS signal (for example, as shown in Figure 8).
(3)
The maximum value for tRESTORE does not apply when the PHY-LLC interface is disabled, in which case an indefinite time can elapse
before LPS is reasserted. Otherwise, in order to reset but not disable the interface, it is necessary that the LLC ensure that LPS is
deasserted for less than tLPS_DISABLE.
The LLC requests that the interface be reset by deasserting the LPS signal and terminating all bus and request
activity. When the PHY observes that LPS has been deasserted for tLPS_RESET, it resets the interface. When the
interface is in the reset state, the PHY sets its CTL and D outputs in the logic 0 state and ignores any activity on
the LREQ signal. Figure 19 shows the timing for interface reset.
Figure 19. Interface Reset
The sequence of events for resetting the PHY-LLC interface is as follows:
a. Normal operation. Interface is operating normally, with LPS asserted, PCLK active, status and packet data
reception and transmission via the CTL and D lines, and request activity via the LREQ line. In Figure 19, the
LPS signal is shown as a nonpulsed level signal. However, it is permissible to use a pulsed signal for LPS in
a direct connection between the PHY and LLC; a pulsed signal is required when using an isolation barrier.
b. LPS deasserted. The LLC deasserts the LPS signal and, within 1
µs, terminates any request or interface bus
activity, places its CTL and D outputs into the high-impedance state, and drives its LREQ output low.
c. Interface reset. After tLPS_RESET time, the PHY determines that LPS is inactive, terminates any interface bus
activity, and drives its CTL and D outputs low. The PHY-LLC interface is now in the reset state.
Copyright © 2008–2009, Texas Instruments Incorporated
Submit Documentation Feedback
41
Product Folder Link(s): TSB41BA3D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com