Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB2551APWR Datasheet(PDF) 2 Page - Texas Instruments

Part # TUSB2551APWR
Description  ADVANCED UNIVERSAL SERIAL BUS TRANSCEIVER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB2551APWR Datasheet(HTML) 2 Page - Texas Instruments

  TUSB2551APWR Datasheet HTML 1Page - Texas Instruments TUSB2551APWR Datasheet HTML 2Page - Texas Instruments TUSB2551APWR Datasheet HTML 3Page - Texas Instruments TUSB2551APWR Datasheet HTML 4Page - Texas Instruments TUSB2551APWR Datasheet HTML 5Page - Texas Instruments TUSB2551APWR Datasheet HTML 6Page - Texas Instruments TUSB2551APWR Datasheet HTML 7Page - Texas Instruments TUSB2551APWR Datasheet HTML 8Page - Texas Instruments TUSB2551APWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
V
CC
(5.0)
V
reg(3.3)
V
PU(3.3)
D+
D–
V
CC
(I/O)
SOFTCON
SPEED
OE
RCV
VP
VM
SUSPEND
GND
LDO
Regulator
ToInternal
Circuitry
TUSB2551A
SCES790 – JUNE 2009...................................................................................................................................................................................................... www.ti.com
ORDERING INFORMATION(1)
TA
PACKAGE(2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
QFN – RGT
Reel of 2000
TUSB2551ARGTR
ZUH
–40°C to 85°C
Reel of 3000
TUSB2551APWR
TSSOP – PW
PREVIEW
Tube of 90
TUSB2551APW
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
BLOCK DIAGRAM
2
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): TUSB2551A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com