Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UA9636AC Datasheet(PDF) 2 Page - Texas Instruments

Part # UA9636AC
Description  DUAL LINE DRIVER WITH ADJUSTABLE SLEW RATE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UA9636AC Datasheet(HTML) 2 Page - Texas Instruments

  UA9636AC Datasheet HTML 1Page - Texas Instruments UA9636AC Datasheet HTML 2Page - Texas Instruments UA9636AC Datasheet HTML 3Page - Texas Instruments UA9636AC Datasheet HTML 4Page - Texas Instruments UA9636AC Datasheet HTML 5Page - Texas Instruments UA9636AC Datasheet HTML 6Page - Texas Instruments UA9636AC Datasheet HTML 7Page - Texas Instruments UA9636AC Datasheet HTML 8Page - Texas Instruments UA9636AC Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
uA9636AC
DUAL LINE DRIVER WITH ADJUSTABLE SLEW RATE
SLLS110B – OCTOBER 1980 – REVISED MAY 1995
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
schematics of inputs and outputs
VCC
+
EQUIVALENT OF EACH INPUT
TYPICAL OF ALL OUTPUTS
Input
VCC
±
Current
Source
Current
Source
VCC
+
Output
VCC
±
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)†
Positive supply voltage range, VCC+(see Note 1)
VCC– to 15 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Negative supply voltage range, VCC–
0.5 V to – 15 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage, VO
±15 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output current, IO
±150 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous total power dissipation
See Dissipation Rating Table
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: All voltage values are with respect to the network ground terminal.
DISSIPATION RATING TABLE
PACKAGE
TA ≤ 25°C
DERATING FACTOR
TA = 70°C
PACKAGE
A
POWER RATING
ABOVE TA = 25°C
A
POWER RATING
D
725 mW
5.8 mW/
°C
464 mW
P
1000 mW
8.0 mW/
°C
640 mW
recommended operating conditions
MIN
NOM
MAX
UNIT
Positive supply voltage, VCC +
10.8
12
13.2
V
Negative supply voltage, VCC –
– 10.8
–12
– 13.2
V
High-level input voltage, VIH
2
V
Low-level input voltage, VIL
0.8
V
Wave-shaping resistor, R(WS)
10
1000
k
Ω
Operating free-air temperature, TA
0
70
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com