Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CX6SCSM3 Datasheet(PDF) 2 Page - RSG Electronic Components GmbH

Part # CX6SCSM3
Description  800 kHz to 1.35 MHz Ultra-Low Profile (1mm) ??Miniature Surface Mount Quartz Crystal
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

CX6SCSM3 Datasheet(HTML) 2 Page - RSG Electronic Components GmbH

  CX6SCSM3 Datasheet HTML 1Page - RSG Electronic Components GmbH CX6SCSM3 Datasheet HTML 2Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
HOW TO ORDER CX6SM CRYSTALS
CX6
S
C
SM1
1.0M,
500
/
M
RSG Electronic Components GmbH - Sprendlinger Landstr. 115 - 63069 Offenbach - Germany - www.rsg-electronic.de
YS
TEM C
ERTIF
IC
A
T
01
10133 - Rev B
SPECIFICATIONS
Specifications are typical at 25
OC unless otherwise noted.
Specifications are subject to change without notice.
Frequency Range
800 kHz - 1.35 MHz
Functional Mode
Extensional
Calibration Tolerance*
500 ppm (0.05%)
1000 ppm (0.1%)
10000 ppm (1.0%)
Load Capacitance
7 pF (Unless specified by customer)
Motional Resistance (R1)
5 k
Ω MAX
Motional Capacitance (C1)
1.2fF
Quality Factor (Q)
150 k
Shunt Capacitance (C0)
1.0 pF
Drive Level
3
µW MAX
Turning Point (T0)**
35
OC
Temperature Coefficient (k) -0.035 ppm/
OC2
Aging, first year
5 ppm MAX
Shock, survival
1,000 g peak, 0.3 ms,1/2 sine
Vibration, survival
10 g RMS, 20-1,000 Hz random
Operating Temp. Range
-10
OC to +70OC (Commercial)
-40
OC to +85OC (Industrial)
-55
OC to +125OC (Military)
Storage Temp. Range
-55
OC to +125OC
Max Process Temperature
260
OC for 20 sec.
Note: Frequency f at temperature T is related to frequency f0
at turning point temperature T0 by:
* Tighter tolerances available.
** Other values available.
+
_
+
_
+
_
f-f0
=
k(T-T0)
2
f0
TERMINATIONS
Designation
Termination
SM1
Gold Plated
SM2
Solder Plated
SM3
Solder Dipped
PACKAGING
CX6SM
- Tray Pack
- Tape and Reel
(Reference tape and reel data sheet 10109)
TYPICAL APPLICATION
FOR A PIERCE OSCILLATOR
The low profile CX miniature surface mount crystal is ideal
for small, high density, battery operated portable products.
The CX crystal designed in a Pierce oscillator (single
inverter) circuit provides very low current consumption and
high stability. A conventional CMOS Pierce oscillator circuit
is shown below. The crystal is effectively inductive and in a
PI-network circuit with CD and CG provides the additional
phase shift necessary to sustain oscillation. The oscillation
frequency (f0) is 15 to 150 ppm above the crystal’s series
resonant frequency (fS).
Drive Level
RA is used to limit the crystal’s drive level by forming a
voltage divider between RA and CD. RA also stabilizes the
oscillator against changes in the amplifiers output
resistance (R0). RA should be increased for higher voltage
operation.
Load Capacitance
The CX crystal calibration tolerance is influenced by the
effective circuit capacitances, specified as the load
capacitance (CL). CL is approximately equal to:
NOTE: CD and CG include stray layout to ground and CS
is the stray shunt capacitance between the crystal
terminal. In practice, the effective value of CL will be less
than that calculated from CD, CG and CS values because
of the effect of the amplifier output resistance. CS should
be minimized.
The oscillation frequency (f0) is approximately equal to:
CONVENTIONAL CMOS
PIERCE OSCILLATOR CIRCUIT
AMPLIFIER
BUFFER
C
G
C
D
R
A
CX6
OSC
Freq (f
R
f
f0 = fS
[1+
C
1
]
2(C0 + CL)
(2)
Where f
S
= Series resonant frequency of the crystal
C1 = Motional Capacitance
C0 = Shunt Capacitance
CL =
CD x CG
+
CS
CD + CG
(1)
“S” if special or
custom design.
Blank if Srd.
Blank = Glass Lid
C = Ceramic Lid
SM1 = Gold Plated
SM2 = Solder Plated
SM3 = Solder Dipped
Frequency
K = kHz
M=MHz
Calibration
Tolerance
@ 25
OC
(in ppm)
Operating Temp. Range:
C = -10
OC to +70OC
I
= -40
OC to +85OC
M = -55
OC to +125OC
S = Customer Specified



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com