Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSLR001FU Datasheet(PDF) 2 Page - IRC - a TT electronics Company.

Part # CSLR001FU
Description  Four Terminal Open Air Low Ohm Current Sense Resistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRCTT [IRC - a TT electronics Company.]
Direct Link  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

CSLR001FU Datasheet(HTML) 2 Page - IRC - a TT electronics Company.

  CSLR001FU Datasheet HTML 1Page - IRC - a TT electronics Company. CSLR001FU Datasheet HTML 2Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
Wire and Film Technologies Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
Physical Data
Dimensions (Inches (mm))
A
B
C
D
E
F
G
H
0.862
(21.9)
0.426
(10.8)
0.800
(20.3)
0.200
(5.1)
0.300
(7.6)
0.555
(14.01)
0.176
(4.5)
0.062
(1.57)
Four Terminal Open Air
Low Ohm Current Sense
Resistor
B
A
F
E
D
H
C
G
#1
#2
#3
#4
H
#1
#2
#3
#4
RECOMMENDED PC BOARD FOOTPRINT
AND ELECTRICAL CONNECTION
0.800
[20.32]
±.005
±.127
0.500
[12.70]
±.005
±.127
0.300
[7.62]
±.005
±.127
#43 HOLE SIZE (CLEAR I.D.)
0.089 [2.26mm]
ALL DIMENSIONS 0.010 (0.254) UNLESS OTHERWISE STATED.
DIMENSIONS C, D, & E = /-0.005 (0.127).
DIMENSIONS A AND F REFERENCE ONLY.
RECOMMENDED ELECTRICAL CONNECTION
TERMINALS 2 & 3 CURRENT TRACES
TERMINALS 1 & 4 SENSE TRACES
Note:
1.1M
Ω - 2.5MΩ = 0.014 [0.356]
0.4M
Ω - 1.0MΩ = 0.036 [0.914]
0.4M
Ω - 1.0MΩ = 0.071 [1.80]
Sample Part No.
IRC Type
Resistance Value (EIA 4-digit code)
Tolerance
F = ±1%
Marking
U = unmarked
M = marked
Ordering Data
CSL
R001
F
U
CSL Series Issue September 2008 Sheet 2 of 2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com