Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSLR001FM Datasheet(PDF) 1 Page - IRC - a TT electronics Company.

Part # CSLR001FM
Description  Four Terminal Open Air Low Ohm Current Sense Resistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRCTT [IRC - a TT electronics Company.]
Direct Link  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

CSLR001FM Datasheet(HTML) 1 Page - IRC - a TT electronics Company.

  CSLR001FM Datasheet HTML 1Page - IRC - a TT electronics Company. CSLR001FM Datasheet HTML 2Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
General Note
IRC reserves the right to make changes in product specification without notice or liability.
All information is subject to IRC’s own data and is considered accurate at time of going to print.
A subsidiary of
TT electronics plc
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
Wire and Film Technologies Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
Four Terminal Open Air
Low Ohm Current Sense
Resistor
Electrical Data
IRC Type
Power/Current Rating
(Watts)
Standard Resistance Range
(Ohms)
Tolerance
(±%)
CSL
5 watt max power
55 amps max current
0.00025 ohm - 0.0025 ohm
1%
CSL Series - Patent Pending
• <55 ppm/°C TCR
• 5 watt max power
• 55 amp max current
• Down to 1% tolerance
• 4-Terminal Kelvin connections
Environmental Data
CSL Performance Characteristics:
Test Spec: AEC Q200
TCR +125 to -55°C
<55 ppm/°C
Thermal Shock
<1.5%
High Temp Exposure
1000 hours @ 125°C
<1.75%
Temp. Cycling: -55 to -125°C 1000 cycles
<1.0%
Operational Life: 1000 hours @ 70°C
<1.0%
Moisture Resistance
<1.0%
Baised Humidity
<1.0%
Mechanical Shock
<1.0%
Vibration
<0.75%
Solder Heating
<1.0%
Solderability
Meets J-STD-002 Method A
FEATURES:
• Inductance less than 10 nanohenries
• Flameproof
• Solderable leads (60/40 plate)
• 55 amp continuous operating current
• Inline construction for easy board insertion
• Economical board space design
• Welded construction
APPLICATIONS:
• Current Sensing
• Feed Back
• Motor Control
• Surge/Pulse Applications
CSL Series Issue September 2008 Sheet 1 of 2


Similar Part No. - CSLR001FM

ManufacturerPart #DatasheetDescription
logo
China Semiconductor Cor...
CSLR-N305SB4-A0 CHINASEMI-CSLR-N305SB4-A0 Datasheet
280Kb / 6P
LED
CSLR-N305SB4-B0 CHINASEMI-CSLR-N305SB4-B0 Datasheet
280Kb / 6P
LED
CSLR-N305SW4-A0 CHINASEMI-CSLR-N305SW4-A0 Datasheet
289Kb / 6P
LED
CSLR-N305SW4-B0 CHINASEMI-CSLR-N305SW4-B0 Datasheet
289Kb / 6P
LED
CSLR-N305TG4-A0 CHINASEMI-CSLR-N305TG4-A0 Datasheet
279Kb / 6P
LED
More results

Similar Description - CSLR001FM

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SR1 VISHAY-SR1 Datasheet
113Kb / 3P
Wirewound Resistors, Open Air, Current Sense, Low Value
12-Dec-11
logo
KOA Speer Electronics, ...
CSR1TTED KOA-CSR1TTED Datasheet
100Kb / 2P
four-terminal current sense resistor
logo
IRC - a TT electronics ...
OAR1R100FLF IRCTT-OAR1R100FLF Datasheet
165Kb / 2P
Open Air Current Sense Resistors
logo
KOA Speer Electronics, ...
CSR1TTE10L0F KOA-CSR1TTE10L0F Datasheet
272Kb / 2P
four-terminal current sense resistor
logo
Vishay Siliconix
SR5R0150FE14 VISHAY-SR5R0150FE14 Datasheet
86Kb / 3P
Wirewound Resistors, Open Air, Current Sense, Low Value
12-Dec-11
logo
List of Unclassifed Man...
OAR3R015FLF ETC2-OAR3R015FLF Datasheet
570Kb / 4P
Open Air Resistor Metal Element Current Sense
logo
KOA Speer Electronics, ...
CSR KOA-CSR Datasheet
419Kb / 2P
four-terminal current sense resistor
logo
TT Electronics.
OAR3R025FLF TTELEC-OAR3R025FLF Datasheet
635Kb / 4P
Open Air Resistor Metal Element Current Sense OAR
CSL TTELEC-CSL Datasheet
433Kb / 2P
Four Terminal Open Air Low Ohm Current Sense Resistor
CSLS TTELEC-CSLS Datasheet
395Kb / 2P
Four Terminal Open Air Low Ohm Current Sense Resistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com