Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CX9SSM2 Datasheet(PDF) 2 Page - RSG Electronic Components GmbH

Part # CX9SSM2
Description  14 MHz to 250 MHz Low Profile, Ultra-Miniature Surface Mount AT Quartz Crystal
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

CX9SSM2 Datasheet(HTML) 2 Page - RSG Electronic Components GmbH

  CX9SSM2 Datasheet HTML 1Page - RSG Electronic Components GmbH CX9SSM2 Datasheet HTML 2Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
HOW TO ORDER CX9SM AT CRYSTALS
—
/
—
/
200
/
I
CX9
S
C
SM1
–
49.0M
,
100
/
100
/
—
/
I
Frequency
M = MHz
C = Ceramic Lid
Blank = Glass Lid
SM1 = Gold Plated
SM2 = Solder Plated
SM3 = Solder Dipped
SM4 = Solder Plated
Lead Free
SM5 = Solder Dipped
Lead Free
RSG Electronic Components GmbH - Sprendlinger Landstr. 115 - 63069 Offenbach - Germany - www.rsg-electronic.de
YS
TEM C
ERTIF
IC
A
T
01
10158 - Rev B
TERMINATIONS
Designation
Termination
SM1
Gold Plated
SM2
Solder Plated
SM3
Solder Dipped
SM4
Solder Plated (Lead Free)
SM5
Solder Dipped (Lead Free)
Max Process Temperature 260
OC for 20 sec.
SPECIFICATIONS
Specifications are typical at 25
OC unless otherwise noted.
Specifications are subject to change without notice.
Fundamental Frequency
25 MHz
49 MHz 155.52 MHz
Motional Resistance R1(Ω)
30
30
25
Motional Capacitance C1 (fF)
1.8
2.1
2.5
Quality Factor Q (k)
120
60
16
Shunt Capacitance C0 (pF)
1.0
1.0
1.4
Calibration Tolerance
1
100 ppm, or tighter as required
Load Capacitance
10 pF (unless specified otherwise)
Drive Level
200
µW MAX for f ≤ 50 MHz
100
µW MAX for f > 50 MHz
Frequency-Temperature
50 ppm
to
10 ppm (Commercial)
Stability
1,3
100 ppm to 20 ppm (Industrial)
100 ppm to 30 ppm (Military)
Aging, first year
3
5 ppm MAX (better than 1 ppm available)
Shock, survival
5,000 g, 0.3 ms, 1/2 sine
Vibration, survival
4
20 g, 10-2,000 Hz swept sine
Operating Temp. Range
-10
OC to +70OC (Commercial)
-40
OC to +85OC (Industrial)
-55
OC to +125OC (Military)
Storage Temp. Range
-55
OC to +125OC
Max Process Temperature 260
OC for 20 sec.
1. Other tolerances available. Contact factory.
2. Does not include calibration tolerance. The characteristics of the frequency stability over
temperature follow that of the AT thickness-shear mode.
3. 5 ppm MAX for frequencies below 40 MHz. For tighter tolerances and higher frequencies
contact factory.
4. Per MIL-STD-202G, Method 204D, Condition D. Random vibration testing also available.
+
_
+
_
+
_
+
_
+
_
+
_
+
_
PACKAGING OPTIONS
• Tray Pack
• 16mm tape, 7” or 13” reels
Per EIA 481 (see Tape and Reel data sheet 10109)
C
0
C
1
R
1
2
1
L
1
EQUIVALENT CIRCUIT
R
1 Motional Resistance
L
1 Motional Inductance
C
1 Motional Capacitance
C
0 Shunt Capacitance
“S” if special or
custom design.
Blank if Std.
Temp. Range:
C = -10
OC to +70OC
I = -40OC to +85OC
M = -55
OC to +125OC
S = Customer Specified
Frequency
Stability over
Temp.Range
(in ppm)
Calibration
Tolerance
@ 25
0C
(in ppm)
Total
Frequency
Tolerance
(in ppm)
Operating Temp. Range:
C = -10
OC to +70OC
I = -40OC to +85OC
M = -55
OC to +125OC
S = Customer Specified
OR
Pb
SUGGESTED LAND PATTERN
0.080
(2.03)
0.132 (3.35)
0.048 (1.22)
inches (mm)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com