Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F525 Datasheet(PDF) 1 Page - IRC - a TT electronics Company.

Part # F525
Description  U.L. Approved Dual Function Fuse Resistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRCTT [IRC - a TT electronics Company.]
Direct Link  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

F525 Datasheet(HTML) 1 Page - IRC - a TT electronics Company.

  F525 Datasheet HTML 1Page - IRC - a TT electronics Company. F525 Datasheet HTML 2Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
General Note
IRC reserves the right to make changes in product specification without notice or liability.
All information is subject to IRC’s own data and is considered accurate at time of going to print.
A subsidiary of
TT electronics plc
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
Wire and Film Technologies Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
U.L. Approved Dual Function
Fuse Resistors
F500 Series
• Affords protection for semiconductor devices
• Acts as a precision wirewound resistor and a fuse
• Allows precise control of fusing point and time lag
• Reduces the number of discrete components required
• Eliminates unnecessary blowing due to transient conditions
• Eliminates fire hazard and circuit board damage due to overheated components
Electrical Data
IRC
Style
Resistance
(ohms)
Steady State
Blow Condition I
Blow Condition II
Current
Dissipation
(watts)
Current
Dissipation
(watts)
Blow Time
(T max)
Current
Dissipation
(watts)
Blow Time
(T max)
F501
0.2
2.2A
1
10A
20
500ms
25A
125
50ms
F502
0.2
2.2A
1
10A
20
300ms
25A
125
30ms
F503
0.5
1.4A
1
6A
18
10sec
15A
112
100ms
F504
0.5
1.4A
1
6A
18
500ms
15A
112
50ms
F505
0.5
1.4A
1
6A
18
50ms
15A
112
10ms
F506
1
1.0A
1
4A
16
10sec
10A
100
100ms
F507
1
1.0A
1
4A
16
500ms
10A
100
50ms
F508
1
1.0A
1
4A
16
50ms
10A
100
10ms
F509
2
700ma
1
3A
18
10sec
7A
98
50ms
F510*
2
700ma
1
3A
18
200ms
7A
98
50ms
F511*
2
700ma
1
3A
18
50ms
7A
98
10ms
F512*
5
450ma
1
2A
20
200ms
4.5A
101
50ms
F513*
5
400ma
0.8
1.5A
10
50ms
4.0A
80
10ms
F514*
5
350ma
0.6
1.0A
5
100ms
1.4A
10
20ms
F515*
10
300ma
0.9
1.2A
14
200ms
3.0A
90
10ms
F516*
10
300ma
0.9
1.0A
10
100ms
1.3A
17
50ms
F517*
10
200ma
0.4
600ma
3.6
100ms
900ma
8
50ms
F518*
20
220ma
1
600ma
7.2
10sec
900ma
16
100ms
F519*
20
220ma
1
600ma
7.2
100ms
900ma
16
50ms
F520*
20
150ma
0.4
350ma
2.4
500ms
450ma
4
50ms
F521*
50
140ma
1
400ma
8.0
500ms
600ma
18
50ms
F522*
50
130ma
0.8
350ma
6.1
100ms
450ma
10
50ms
F523*
50
80ma
0.3
200ma
2.0
200ms
240ma
2.9
50ms
F524*
100
100ma
1
250ma
6.2
10sec
300ma
9.0
100ms
F525*
100
80ma
0.6
200ma
4.0
200ms
250ma
6.2
50ms
F526*
100
60ma
0.4
140ma
2.6
10sec
180ma
3.2
200ms
F527*
200
70ma
1
200ma
8.0
10sec
250ma
12.5
100ms
F528*
200
60ma
0.8
150ma
4.0
100ms
250ma
12.5
10ms
*UL LISTED - Add "S" To Style Description
Contact factory for specification limits beyond these listed.
F500 Series Issue October 2008 Sheet 1 of 2


Similar Part No. - F525

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
F525 TTELEC-F525 Datasheet
347Kb / 2P
Dual Function Fuse Resistors
logo
TE Connectivity Ltd
F52511-000 TEC-F52511-000 Datasheet
3Mb / 40P
Raychem Application Tooling
logo
Fox Electronics
F525L FOX-F525L Datasheet
167Kb / 2P
HCMOS 5x3.2mm 2.85V SMD Oscillator
F525LR FOX-F525LR Datasheet
167Kb / 2P
HCMOS 5x3.2mm 2.85V SMD Oscillator
More results

Similar Description - F525

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
L21 BOURNS-L21 Datasheet
125Kb / 1P
Line Feed Resistors w/Thermal Fuse
logo
KOA Speer Electronics, ...
WF5NC8 KOA-WF5NC8 Datasheet
99Kb / 2P
thermal fuse built-in resistors
logo
RCD COMPONENTS INC.
TFV3X110C-R100 RCD-TFV3X110C-R100 Datasheet
76Kb / 1P
THERMAL FUSE RESISTORS, 1/2W to 60W PERMANENT OR REPLACEABLE FUSE
logo
IRC - a TT electronics ...
CMH IRCTT-CMH Datasheet
238Kb / 3P
Thick Film High Voltage/ High Reliability MIL-Approved Metal Glaze??Resistors
logo
KOA Speer Electronics, ...
WF5NC8G100K KOA-WF5NC8G100K Datasheet
257Kb / 2P
thermal fuse built-in resistors
logo
Cooper Bussmann, Inc.
FWP-5A14F COOPER-FWP-5A14F Datasheet
42Kb / 1P
FWP 660V/700V (IEC/U.L.)
FWP-20A22F COOPER-FWP-20A22F Datasheet
40Kb / 1P
FWP 660V/700V (IEC/U.L.)
40-1000A COOPER-40-1000A Datasheet
43Kb / 2P
690V/700V (IEC/U.L.)
FWX-1A14F COOPER-FWX-1A14F Datasheet
40Kb / 1P
FWX 250V (U.L.)
logo
TT Electronics.
F500 TTELEC-F500 Datasheet
347Kb / 2P
Dual Function Fuse Resistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com