Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GC652M5FB Datasheet(PDF) 2 Page - IRC - a TT electronics Company.

Part # GC652M5FB
Description  High Value Thick Film Resistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRCTT [IRC - a TT electronics Company.]
Direct Link  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

GC652M5FB Datasheet(HTML) 2 Page - IRC - a TT electronics Company.

  GC652M5FB Datasheet HTML 1Page - IRC - a TT electronics Company. GC652M5FB Datasheet HTML 2Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
Wire and Film Technologies Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
Physical Data
High Value
Thick Film Resistor
Dimensions (Inches and (mm)) & WEIGHT (G)
IRC Type
L max
D max
d nom
Wt nom
GC65
0.394 (10.0)
0.146 (3.7)
0.024 (0.6)
0.4
d dia.
L
30mm
min.
d dia.
GC Series Issue October 2008 Sheet 2 of 2
Sample Part No.
IRC Type
GC65
Value
Tolerance (EIA format)
F = ±1%, J = ±5%
Packaging Details
A = Ammo Pkg, B = Box, R = Tape & Reel
Ordering Data
GC65
2M5
F
Ammo
Specify type reference etc. as indicated in this example
of GC65 2.5
Ω, 1%, taped and ammo boxed.
Packaging
GC65
Packaging
GC65
Box
100
Taped (reeled)
5000
Large box
1000
Taped (ammo box)
2000
Packaging Data
Loose packed in boxes or taped (on reel or in ammo box).
Standard Quantities Per Box/Spool:



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com