Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GC652M5JB Datasheet(PDF) 1 Page - IRC - a TT electronics Company.

Part # GC652M5JB
Description  High Value Thick Film Resistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRCTT [IRC - a TT electronics Company.]
Direct Link  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

GC652M5JB Datasheet(HTML) 1 Page - IRC - a TT electronics Company.

  GC652M5JB Datasheet HTML 1Page - IRC - a TT electronics Company. GC652M5JB Datasheet HTML 2Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
General Note
IRC reserves the right to make changes in product specification without notice or liability.
All information is subject to IRC’s own data and is considered accurate at time of going to print.
A subsidiary of
TT electronics plc
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
Wire and Film Technologies Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
High Value
Thick Film Resistor
Electrical Data
GC Series
• Value up to 1G ohm
• High stability thick film
• Tolerance down to 1%, 2%, 5%
IRC
Type
Power
Rating
at 70°C
(watts)
Resistance
Range
(ohms)
Limiting
Element
Voltage
(volts)
Isolation
Voltage
(volts)
TCR
(20 to
70°C)
(ppm/°C)
Resistance
Tolerance
(Code)
Standard
Values
Thermal
Impedance
(°C/watt)
Operating
Temperature
Range
(°C)
GC65
0.5
47K to 1G
3500
700
100
1(F), 2(G), 5(J)
EIA 2%
values
preferred
90
-55 to 155
Environmental Data
Typical
Load at Rated Voltage: 1000 hours @ 70°C
∆R%
0.1
Derating from Rated Power at 70°C
zero at 155°C
Climatic
∆R%
1
Climatic Category
55/155/56
GC Series Issue October 2008 Sheet 1 of 2
CONSTRUCTION:
Thick film material is fired onto high grade ceramic rods. Nickel plated steel caps are force fitted to the rods and the terminations
are welded to the caps. The value is obtained by a helical cut in the film and, finally the resistor body is given a high temperature
protective coating.
TERMINATIONS:
Solder-coated copper wire.
MARKING:
Type reference, TCR code, resistance value, and tolerance code are legend marked.
SOLVENT RESISTANCE:
The body protection and marking are resistant to all normal industrial cleaning solvents suitable for printed circuits.


Similar Part No. - GC652M5JB

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
GC65 WELWYN-GC65 Datasheet
121Kb / 2P
High Value Thick Film Resistors
logo
TT Electronics.
GC65 TTELEC-GC65 Datasheet
360Kb / 2P
High Value Thick Film Resistors
GC654M7FI TTELEC-GC654M7FI Datasheet
360Kb / 2P
High Value Thick Film Resistors
GC654M7JI TTELEC-GC654M7JI Datasheet
360Kb / 2P
High Value Thick Film Resistors
More results

Similar Description - GC652M5JB

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
GC55 WELWYN-GC55 Datasheet
121Kb / 2P
High Value Thick Film Resistors
logo
Vishay Siliconix
CRA04P VISHAY-CRA04P Datasheet
107Kb / 4P
Thick Film, Resistor Array
09-Jan-07
CRA12E VISHAY-CRA12E Datasheet
173Kb / 5P
Thick Film Resistor Array
13-Oct-08
logo
IRC - a TT electronics ...
F44KU6806G50BLK IRCTT-F44KU6806G50BLK Datasheet
245Kb / 3P
High Voltage Thick Film Resistor
logo
Samsung semiconductor
RC1608J000CS SAMSUNG-RC1608J000CS Datasheet
5Mb / 40P
THICK-FILM CHIP RESISTOR
logo
Riedon Powertron
CLR0201 RIEDON-CLR0201_13 Datasheet
167Kb / 1P
Thick Film Chip Resistor
logo
Vishay Siliconix
CRCW-HRE3 VISHAY-CRCW-HRE3 Datasheet
91Kb / 5P
Lead (Pb)-Free Thick Film, Rectangular High Value Chip Resistor
12-Jun-12
logo
TT Electronics.
GC55 TTELEC-GC55 Datasheet
360Kb / 2P
High Value Thick Film Resistors
logo
Bourns Electronic Solut...
CRM-A BOURNS-CRM-A Datasheet
783Kb / 5P
High Power Thick Film Resistor
logo
Stackpole Electronics, ...
HMC SEI-HMC Datasheet
274Kb / 5P
High Value Thick Film Chip Resistor
1/11/2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com