Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAS-32001DLF Datasheet(PDF) 3 Page - IRC - a TT electronics Company.

Part # LAS-32001DLF
Description  Low Cost Semi-Precision Power Wirewound Resistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRCTT [IRC - a TT electronics Company.]
Direct Link  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

LAS-32001DLF Datasheet(HTML) 3 Page - IRC - a TT electronics Company.

  LAS-32001DLF Datasheet HTML 1Page - IRC - a TT electronics Company. LAS-32001DLF Datasheet HTML 2Page - IRC - a TT electronics Company. LAS-32001DLF Datasheet HTML 3Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
Wire and Film Technologies Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
Sample Part No.
Type
LAS
Power
3 = 3 watts
1 = 1 watt
Resistance Value
Expressed in ohms
(Standard EIA/MIL Values)
Tolerance
J = ±5%, H = ±3%, F = ±1%, D = ±0.5%
Lead-Free Construction
Ordering Data
LAS - 3
2001
J
LF
Pulse-Handling Capability @ 25°C
0.1
0.2
0.5
1
2
5
10
Resistance (ohms)
12
10
8
6
4
0
2
LAS3
LAS1
14
Low Cost Semi-Precision
Power Wirewound Resistor
25
75
125
175
225
275
200
175
150
125
100
75
Ambient Temperature (°C)
Power Derating Curve
LAS3
LAS1
LAS Series Issue October 2008 Sheet 3 of 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com