Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LRC-LRF3W-01-R020-F Datasheet(PDF) 1 Page - IRC - a TT electronics Company.

Part # LRC-LRF3W-01-R020-F
Description  Low Range 3 Watt SMT Chip Resistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRCTT [IRC - a TT electronics Company.]
Direct Link  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

LRC-LRF3W-01-R020-F Datasheet(HTML) 1 Page - IRC - a TT electronics Company.

  LRC-LRF3W-01-R020-F Datasheet HTML 1Page - IRC - a TT electronics Company. LRC-LRF3W-01-R020-F Datasheet HTML 2Page - IRC - a TT electronics Company. LRC-LRF3W-01-R020-F Datasheet HTML 3Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
General Note
IRC reserves the right to make changes in product specification without notice or liability.
All information is subject to IRC’s own data and is considered accurate at time of going to print.
A subsidiary of
TT electronics plc
Advanced Film Division • 4222 South Staples Street • Corpus Christi Texas 78411 USA
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
LRF3W Series Issue July 2008
Low Range 3 Watt
SMT Chip Resistor
• Tolerances to ±1%
• 3 Watt @70°C power dissipation in a compact 1225 package
• Resistance range from 0.002 to 0.100Ω
• Ideal for high current sensing applications
• Standard Sn/Pb and Pb-free (matte tin) terminations available
Electrical Data
LRF3W Series
Environmental Data
Environmental Test
Test Method
Performance (Resistance Change)
Thermal Shock
MIL-STD-202 Method 107
Condition F, -65°C to +150°C
±0.25% (+0.001Ω)
Short-time Overload
5 Seconds, 2 X Rated Power
Maximum 25 Amps
±0.5% (+0.0005Ω)
High Temperature Exposure
MIL-PRF-55342
100 Hours, 150°C, No Power
±0.5% (+0.0005Ω)
Load Life
1000 Hours, 70°C, Rated Power
±1.0% (+0.0005Ω)
Moisture Resistance
MIL-STD-202 Method 106
No Bias
±0.5% (+0.0005Ω)
Low Temperature Operation
MIL-PRF-55342
±0.25% (+0.0005Ω)
Resistance To Solder Heat
MIL-STD-202 Method 210
±0.25% (+0.001Ω)
Leach Resistance
Molten Solder 250°C
90 seconds minimum
IRC’s LRF3W series combines high power capabilities with small chip
size and very low resistance to handle your current sensing needs.
The LRF3W utilizes IRC’s proprietary thick film materials which possess superior thermal conductivity over
other technologies. The result is significantly lower operating temperature and higher power dissipation.
Termination on the long sides minimizes TCE mismatch to PCBs.
Resistance
Range(Ω)
Absolute
TCR
(ppm/°C)
Available Absolute
Tolerances
Rated
Power @
70° (W)
Voltage
Rating
(V)
Operating
Temperature
Range
Termination
0.002 - 0.004
±550
±5%, ±10%
3.0*
P x R
-55°C to +150°C
Sn/Pb solder or matte tin
plated over nickel
0.005 - 0.100
±100
±1%, ±2%, ±5%, ±10%
*Note: 3-Watt rating achieved with 500mm2 Copper pad area around each termination pad. Maximum current is 25 amps.
√


Similar Part No. - LRC-LRF3W-01-R020-F

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
LRC-LRF3WLF-01 TTELEC-LRC-LRF3WLF-01 Datasheet
523Kb / 3P
LOW Value 3W Chip Resistors
LRC-LRF3WLF-01-R020-F TTELEC-LRC-LRF3WLF-01-R020-F Datasheet
538Kb / 3P
Low Value 3W Chip Resistors
LRC-LRF3WLF-01-R020-G TTELEC-LRC-LRF3WLF-01-R020-G Datasheet
538Kb / 3P
Low Value 3W Chip Resistors
LRC-LRF3WLF-01-R020-J TTELEC-LRC-LRF3WLF-01-R020-J Datasheet
538Kb / 3P
Low Value 3W Chip Resistors
More results

Similar Description - LRC-LRF3W-01-R020-F

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
SCW-SC3-33R0-J IRCTT-SCW-SC3-33R0-J Datasheet
374Kb / 3P
High Power Dissipation SMT Chip Resistor
logo
Hittite Microwave Corpo...
HMC995LP5GE HITTITE-HMC995LP5GE_12 Datasheet
955Kb / 10P
GaAs pHEMT MMIC 3 WATT POWER AMPLIFIER SMT
logo
Delta Electronics, Inc.
RL2550L-R005F DELTA-RL2550L-R005F Datasheet
140Kb / 8P
3/4W, 2010 Low Resistance Chip Resistor
logo
Innovative Power Produc...
IPP-RB103LC-50 IPP-IPP-RB103LC-50 Datasheet
49Kb / 1P
RESISTOR, LOW C, 75 WATT, FLANGELESS
IPP-RB113LC-50 IPP-IPP-RB113LC-50 Datasheet
48Kb / 1P
RESISTOR, LOW C, 225 WATT, FLANGELSESS
IPP-RB114LC-50 IPP-IPP-RB114LC-50 Datasheet
48Kb / 1P
RESISTOR, LOW C, 300 WATT, FLANGELESS
IPP-RB203LC-25 IPP-IPP-RB203LC-25 Datasheet
60Kb / 1P
RESISTOR, LOW C, 75 WATT, HALF FLANGE
IPP-RB205LC-10K IPP-IPP-RB205LC-10K Datasheet
60Kb / 1P
RESISTOR, LOW C, 100 WATT, FLANGE
IPP-RB206LC-50 IPP-IPP-RB206LC-50 Datasheet
58Kb / 1P
RESISTOR, LOW C, 125 WATT, FLANGE
IPP-RB213LC-50 IPP-IPP-RB213LC-50 Datasheet
55Kb / 1P
RESISTOR, LOW C, 225 WATT, FLANGE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com