Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFP16K8JR Datasheet(PDF) 2 Page - IRC - a TT electronics Company.

Part # MFP16K8JR
Description  FLAMEPROOF POWER METAL FILM RESISTORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRCTT [IRC - a TT electronics Company.]
Direct Link  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

MFP16K8JR Datasheet(HTML) 2 Page - IRC - a TT electronics Company.

  MFP16K8JR Datasheet HTML 1Page - IRC - a TT electronics Company. MFP16K8JR Datasheet HTML 2Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
ISO-9001
Registered
WIREWOUND AND FILM TECHNOLOGIES DIVISION
736 Greenway Road
• Boone, North Carolina 28607-1860 • Tel: 828-264-8861 • Fax: 828-264-8866 • www.irctt.com
PERFORMANCE DATA:
m
u
m
i
x
a
M
C
°
0
7
t
a
s
r
u
o
h
0
0
0
1
:
r
e
w
o
p
d
e
t
a
r
t
a
d
a
o
L
∆ %
R
5
e
r
u
t
a
r
e
p
m
e
t
m
o
o
r
t
a
s
h
t
n
o
m
2
1
:
e
f
i
L
f
l
e
h
S
∆ %
R
2
C
°
0
7
t
a
r
e
w
o
p
d
e
t
a
r
e
d
m
o
r
f
g
n
i
t
a
r
e
D
∆ %
R
C
°
5
5
1
t
a
o
r
e
Z
c
i
t
a
m
i
l
C
∆ %
R
3
y
r
o
g
e
t
a
c
c
i
t
a
m
i
l
C
∆ %
R
6
5
/
5
5
1
/
0
5
e
g
n
a
h
c
d
i
p
a
r
e
r
u
t
a
r
e
p
m
e
T
∆ %
R
5
.
0
t
a
e
h
r
e
d
l
o
s
o
t
e
c
n
a
t
s
i
s
e
R
∆ %
R
5
.
0
f
o
o
r
p
e
g
a
t
l
o
V
∆ %
R
n
i
m
0
0
5
APPLICATION NOTES:
1. If the resistors are to dissipate full rated power, it is recommended that the terminations should not be soldered closer
than 4mm from the body.
2. Due to operating temperature limitations imposed by some pcb materials, derating may be necessary. An estimate
of the temperature rise to be expected can be calculated using the thermal impedance figures given under Electrical
Data.
3. MFP resistors can also be supplied pre-formed, contact factory for details.
PACKAGING:
MFP resistors are normally supplied tape packed ready for loading onto automatic sequencing and insertion machines.
The standard taping method and critical dimensions are shown below. Component wires will not protrude beyond the
outside edge of the tapes. All taped resistors will be supplied either on reels or in ammopacks, depending on quantities
ordered. Pre-formed resistors are supplied loose packed in plastic bags or boxes. This product and packaging is
denoted code F.
Type
Code
MFP05
MFP1
MFP2
Reel
R
5000
5000
2500
Ammopack A
A
5000
5000
2500
STANDARD QUANTITIES PER PACKAGE:
HOW TO ORDER:
Sample part number:
MFP1
6K8
J
R
Type
Value
Tolerance
(G = 2%, J = 5%)
Packaging Details



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com