Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LVC-LVC0402LF-R020-J Datasheet(PDF) 4 Page - IRC - a TT electronics Company.

Part # LVC-LVC0402LF-R020-J
Description  Miniature Current Sense Surface Mount Chip Resistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRCTT [IRC - a TT electronics Company.]
Direct Link  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

LVC-LVC0402LF-R020-J Datasheet(HTML) 4 Page - IRC - a TT electronics Company.

  LVC-LVC0402LF-R020-J Datasheet HTML 1Page - IRC - a TT electronics Company. LVC-LVC0402LF-R020-J Datasheet HTML 2Page - IRC - a TT electronics Company. LVC-LVC0402LF-R020-J Datasheet HTML 3Page - IRC - a TT electronics Company. LVC-LVC0402LF-R020-J Datasheet HTML 4Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
LVC Series Issue July 2008
Advanced Film Division • 4222 South Staples Street • Corpus Christi Texas 78411 USA
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
Miniature Current Sense
Surface Mount Chip Resistors
Prefix
LVC - LVC0805LF - R020 - F
Model
LVC0402LF; LVC0603LF; LVC0805LF
LVC1206LF; LVC2010LF; LVC2512LF
Resistance Code
4-Digit resistance code. Ex: R050 = 0.050Ω; 1R00 = 1Ω
Tolerance Code
F = ±1%; G = ±2%; J = ±5%
For additional information or to discuss your specific requirements,
please contact our Applications Team using the contact details below.
Ordering Data
25°
70°
150°
100
50
10
Temperature in °C
Power Derating Data
Marking Information
0402 chips will be marked with 3-digit resistance code. Ex: 1R0 = 1Ω, R10 = 0.1Ω, R01 = 0.01Ω
All other sizes will have 4-digit marking



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com