Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LVC-LVC0603LF-R020-J Datasheet(PDF) 2 Page - IRC - a TT electronics Company.

Part # LVC-LVC0603LF-R020-J
Description  Miniature Current Sense Surface Mount Chip Resistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRCTT [IRC - a TT electronics Company.]
Direct Link  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

LVC-LVC0603LF-R020-J Datasheet(HTML) 2 Page - IRC - a TT electronics Company.

  LVC-LVC0603LF-R020-J Datasheet HTML 1Page - IRC - a TT electronics Company. LVC-LVC0603LF-R020-J Datasheet HTML 2Page - IRC - a TT electronics Company. LVC-LVC0603LF-R020-J Datasheet HTML 3Page - IRC - a TT electronics Company. LVC-LVC0603LF-R020-J Datasheet HTML 4Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
LVC Series Issue July 2008
Advanced Film Division • 4222 South Staples Street • Corpus Christi Texas 78411 USA
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
Environmental Performance Data
Environmental Test
Test Method
Typical Performance
Thermal Shock
MIL-STD-202 Method 107G
Condition B, -55°C +150°C, 100 cycles
±0.5% + 1.0mΩ
Short Time Overload
6.25X Rated Power for 5 seconds
±0.5% + 0.5mΩ
High Temperature Exposure
100 hours @150°C
±0.5% + 0.5mΩ
Dielectric Withstanding Voltage
MIL-STD-202, Method 301
2.5X Rated Voltage, 1 minute
±0.25% + 0.5mΩ
Humidity (steady state)
MIL-STD-202 Method 103B
40°C, 90-95% RH, 1000 hours
±0.5% + 0.5mΩ
Load Life
1000 hours, Rated Power, 70°C
1.5 hours on, 30 minutes off
±1.0% + 0.5mΩ
Low Temperature Operation
1 hour -65°C followed by rated power for 45 min
±0.5% + 0.5mΩ
Resistance to Solder Heat
MIL-STD-202 Method 210
260°C, 10 seconds
±0.5% + 1.0mΩ
Insulation Resistance
MIL-STD-202 Method 302
100VDC, 1 minute
>1000 megohms
Solderability
MIL-STD-202 Method 208
245°C, 5 seconds
95% min Coverage
Miniature Current Sense
Surface Mount Chip Resistors
D
F
L
W
C
T
A
E
Physical Data (mm)
Chip
Dimensions
IPC Recommended Landing
Pad Dimensions
L
W
T
C
A
D
E
F
0402
1.00
±0.05
0.50
±0.05
0.32
±0.10
0.25
±0.10
0.20
±0.10
0.65
0.65
0.90
0603
1.60
±0.10
0.80
±0.10
0.45
±0.10
0.30
±0.20
0.30
±0.20
1.00
0.90
1.60
0805
2.00
±0.15
1.25
±0.15
0.55
±0.10
0.30
±0.20
0.40
±0.25
1.40
0.95
2.00
1206
3.05
±0.15
1.55
±0.15
0.55
±0.10
0.50
±0.30
0.40
±0.25
1.75
1.00
3.00
2010
5.00
±0.20
2.45
±0.15
0.60
±0.15
0.60
±0.30
0.50
±0.25
2.70
1.20
4.70
2512
6.35
±0.20
3.15
±0.15
0.60
±0.10
0.60
±0.30
0.55
±0.25
3.40
1.10
6.10



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com