Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LVC-LVC0805LF-R020-J Datasheet(PDF) 1 Page - IRC - a TT electronics Company.

Part # LVC-LVC0805LF-R020-J
Description  Miniature Current Sense Surface Mount Chip Resistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRCTT [IRC - a TT electronics Company.]
Direct Link  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

LVC-LVC0805LF-R020-J Datasheet(HTML) 1 Page - IRC - a TT electronics Company.

  LVC-LVC0805LF-R020-J Datasheet HTML 1Page - IRC - a TT electronics Company. LVC-LVC0805LF-R020-J Datasheet HTML 2Page - IRC - a TT electronics Company. LVC-LVC0805LF-R020-J Datasheet HTML 3Page - IRC - a TT electronics Company. LVC-LVC0805LF-R020-J Datasheet HTML 4Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
General Note
IRC reserves the right to make changes in product specification without notice or liability.
All information is subject to IRC’s own data and is considered accurate at time of going to print.
A subsidiary of
TT electronics plc
Advanced Film Division • 4222 South Staples Street • Corpus Christi Texas 78411 USA
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
LVC Series Issue July 2008
Miniature Current Sense
Surface Mount Chip Resistors
• RoHS compliant
• Tolerances to ±1%
• Resistance range from 0.01Ω up to 1Ω
• Available in 0402, 0603, 0805, 1206, 2010 and 2512 chip sizes
Electrical Data
LVC Series
Size
Power Rating at
70°C
Tolerance
Resistance Range*
Absolute TCR
Operating
Temperature
0402
62.5mW
1%, 2%, 5%
50mΩ - 100mΩ
±400
-55°C to +155°C
101Ω - 500mΩ
±300
501mΩ - 1000mΩ
±300
0603
100mW
1%, 2%, 5%
20mΩ - 50mΩ
±600
51mΩ - 100mΩ
±400
101mΩ - 500mΩ
±300
501mΩ - 1000mΩ
±200
0805
125mW
1%, 2%, 5%
20mΩ - 50mΩ
±600
51mΩ - 100mΩ
±400
101mΩ - 500mΩ
±300
501mΩ - 1000mΩ
±200
1206
250mW
1%, 2%, 5%
10mΩ - 20mΩ
±600
21mΩ - 50mΩ
±400
51mΩ - 500mΩ
±300
501mΩ - 1000mΩ
±200
2010
750mW
1%, 2%, 5%
10mΩ - 20mΩ
±600
21mΩ - 50mΩ
±400
51mΩ - 500mΩ
±300
501mΩ - 1000mΩ
±200
2512
1000mW
1%, 2%, 5%
10mΩ - 20mΩ
±600
21mΩ - 50mΩ
±400
51mΩ - 500mΩ
±300
501mΩ - 1000mΩ
±200
IRC’s new LVC miniature surface mount chip resistors combine small size
with precision tolerances for accurate current sense applications. Excellent
power handling capability, low TCR, low inductance and resistance tolerances to ±1% make the LVC series an
ideal choice for disk drive, computer power supply, and battery pack applications.
*Standard Values E24 Preferred


Similar Part No. - LVC-LVC0805LF-R020-J

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LVC-1000 ETC2-LVC-1000 Datasheet
293Kb / 2P
Fanless Vehicle Computer with Intel Quark X1001
LVC-2000 ETC2-LVC-2000 Datasheet
392Kb / 4P
Fanless Vehicle PC with Intel짰Atom??E3845 Processor
logo
Lanner All Rights Reser...
LVC-2000 LANNER-LVC-2000 Datasheet
410Kb / 4P
Fanless Vehicle PC with Intel짰Atom??E3845 Processor
LVC-2000-A1 LANNER-LVC-2000-A1 Datasheet
410Kb / 4P
Fanless Vehicle PC with Intel짰Atom??E3845 Processor
LVC-2000-B1 LANNER-LVC-2000-B1 Datasheet
410Kb / 4P
Fanless Vehicle PC with Intel짰Atom??E3845 Processor
More results

Similar Description - LVC-LVC0805LF-R020-J

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
ULR WELWYN-ULR Datasheet
146Kb / 3P
Metal Strip Current Sense Resistors Surface Mount
logo
KOA Speer Electronics, ...
SL1TTE KOA-SL1TTE Datasheet
102Kb / 2P
surface mount molded current sense resistors
logo
Welwyn Components Limit...
ULR1 WELWYN-ULR1 Datasheet
430Kb / 3P
Metal Strip Current Sense Resistors Surface Mount
logo
KOA Speer Electronics, ...
SL1TTE20L0F KOA-SL1TTE20L0F Datasheet
284Kb / 2P
surface mount molded current sense resistors
SL1TTE13L0F KOA-SL1TTE13L0F Datasheet
281Kb / 2P
Surface mount molded current sense resistors
logo
List of Unclassifed Man...
ULR3-R001FT2 ETC2-ULR3-R001FT2 Datasheet
390Kb / 4P
Metal Strip Current Sense Resistors Surface Mount
logo
KOA Speer Electronics, ...
SL3TTER100F KOA-SL3TTER100F Datasheet
382Kb / 4P
surface mount molded current sense resistors
SL1TTE51L0F KOA-SL1TTE51L0F Datasheet
327Kb / 3P
surface mount molded current sense resistors
SLW07 KOA-SLW07 Datasheet
575Kb / 2P
surface mount molded current sense resistors
TSL KOA-TSL Datasheet
453Kb / 3P
surface mount molded current sense resistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com