Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LRC-LR2010-01-R020-J Datasheet(PDF) 2 Page - IRC - a TT electronics Company.

Part # LRC-LR2010-01-R020-J
Description  Low Value Current Sense Flat Chip Resistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRCTT [IRC - a TT electronics Company.]
Direct Link  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

LRC-LR2010-01-R020-J Datasheet(HTML) 2 Page - IRC - a TT electronics Company.

  LRC-LR2010-01-R020-J Datasheet HTML 1Page - IRC - a TT electronics Company. LRC-LR2010-01-R020-J Datasheet HTML 2Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
LR Series Issue May 2009
Advanced Film Division • 4222 South Staples Street • Corpus Christi Texas 78411 USA
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Email: afdsales@irctt.com • Website: www.irctt.com
Low Value Current Sense
Flat Chip Resistor
Environmental Performance
Prefix
LRC - LRF 1206LF - 01 - R020 - F
Model
LR for values > 0.025Ω
LRF for values ≤ 0.025Ω
Size
1206; 1206LF; 2010; 2010LF; 2512; 2512LF
(LF=Lead Free Terminations)
TCR Code
01 = ±100ppm/°C
Resistance Code
4-Digit resistance code. Ex: R050 = 0.050Ω; 1R00 = 1Ω
Tolerance Code
F = ±1%, G = ±2%, J = ±5%
For additional information or to discuss your specific requirements,
please contact our Applications Team using the contact details below.
Pulse and Surge Capability
Average power
dissipationnot to
exceed normal
70°C rating
Surge or Repetitive Pulse Duration
300 µSec
1 mSec
3 mSec
10 mSec
30 mSec
100 mSec
300 mSec
1 Sec
70
50
30
20
10
7
5
3
LRC 2512
2 watts
LRC 2010
1 watt
LRC 1206
0.5 watts
Power Derating Curve
Power Derating and Pulse/Surge Capability
Ordering Procedure
Recommended Solder Pad Layout
A
B
C
.
M
I
D6
0
2
1
R
L0
1
0
2
R
L2
1
5
2
R
L
A
.
n
i0
8
0
.
00
2
1
.
05
4
1
.
0
m
m)
0
.
2
()
5
0
.
3
()
7
.
3
(
B
.
n
i0
6
1
.
05
5
2
.
05
0
3
.
0
m
m)
0
.
4
()
5
.
6
()
5
7
.
7
(
C
.
n
i0
5
0
.
00
6
0
.
00
6
0
.
0
m
m)
5
2
.
1
()
5
.
1
()
5
.
1
(
25°
70°
150°
100
50
10
Temperature in °C
Environmental Test
Test Method
Typical Performance
Thermal Shock
MIL-STD-202 Method 107G
Condition B, -55°C +150°C, 100 cycles
±0.5% + 1.0mΩ
Short Time Overload
6.25X Rated Power for 5 seconds
±0.5% + 0.5mΩ
High Temperature Exposure
100 hours @150°C
±0.5% + 0.5mΩ
Dielectric Withstanding Voltage
MIL-STD-202, Method 301
2.5X Rated Voltage, 1 minute
±0.25% + 0.5mΩ
Moisture Resistance
MIL-STD-202 Method 106
±0.5% + 0.5mΩ
Load Life
1000 hours, Rated Power, 70°C
1.5 hours on, 30 minutes off
±1.0% + 0.5mΩ
Low Temperature Operation
1 hour -65°C followed by rated power for 45 min
±0.5% + 0.5mΩ
Resistance to Solder Heat
MIL-STD-202 Method 210
260°C, 10 seconds
±0.5% + 1.0mΩ
Insulation Resistance
MIL-STD-202 Method 302
100VDC, 1 minute
>1000 megohms
Solderability
MIL-STD-202 Method 208
245°C, 5 seconds
95% min Coverage



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com