Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LRC-LRF2010-01-R020-J Datasheet(PDF) 1 Page - IRC - a TT electronics Company.

Part # LRC-LRF2010-01-R020-J
Description  Low Value Current Sense Flat Chip Resistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRCTT [IRC - a TT electronics Company.]
Direct Link  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

LRC-LRF2010-01-R020-J Datasheet(HTML) 1 Page - IRC - a TT electronics Company.

  LRC-LRF2010-01-R020-J Datasheet HTML 1Page - IRC - a TT electronics Company. LRC-LRF2010-01-R020-J Datasheet HTML 2Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
General Note
IRC reserves the right to make changes in product specification without notice or liability.
All information is subject to IRC’s own data and is considered accurate at time of going to print.
A subsidiary of
TT electronics plc
Advanced Film Division • 4222 South Staples Street • Corpus Christi Texas 78411 USA
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Email: afdsales@irctt.com • Website: www.irctt.com
LR Series Issue May 2009
Low Value Current Sense
Flat Chip Resistor
LR Series
• Resistance range from 0.002Ω up to 1Ω
• Standard Sn/Pb and Pb lead-free terminations available
• High power dissipation at 70°C
• Tolerances to ±1%
Electrical Data
Outline Dimensions
6
0
2
1
0
1
0
2
2
1
5
2
.
n
i
m
m
.
n
i
m
m
.
n
i
.
m
m
L
2
1
0
.
0
±
6
2
1
.
0
5
0
3
.
0
±
0
2
.
3
5
1
0
.
0
±
6
0
2
.
0
8
3
.
0
±
3
2
.
5
5
1
0
.
0
±
6
5
2
.
0
8
3
.
0
±
0
5
.
6
W
8
0
0
.
0
±
4
6
0
.
0
3
0
2
.
0
±
3
6
.
1
0
1
0
.
0
±
4
0
1
.
0
5
2
.
0
±
4
6
.
2
0
1
0
.
±
8
2
1
.
0
5
2
.
0
±
5
2
.
3
H
4
0
0
.
0
±
4
2
0
.
0
2
0
1
.
0
±
1
6
.
0
4
0
0
.
0
±
9
2
0
.
0
1
.
0
±
4
7
.
0
4
0
0
.
0
±
9
2
0
.
0
1
.
0
±
4
7
.
0
D
0
1
0
.
0
±
9
1
0
.
0
5
2
.
0
±
8
4
.
0
0
1
0
.
0
±
9
1
0
.
0
5
2
.
0
±
8
4
.
0
0
1
0
.
0
±
9
1
0
.
0
5
2
.
0
±
8
4
.
0
E
0
1
0
.
0
±
9
1
0
.
0
5
2
.
0
±
8
4
.
0
0
1
0
.
0
±
9
1
0
.
0
5
2
.
0
±
8
4
.
0
0
1
0
.
0
±
9
1
0
.
0
5
2
.
0
±
8
4
.
0
H
D
L
Protective Overcoat
Cu Termination
Solder Plating
Ni Barrier Layer
Cu Wraparound
Termination
Alumina Substrate
W
E
Size
Resistance
Range1
TCR2
(ppm/°C)
Power
Rating
at 70°C
(Watts)
Dielectric
Withstanding
Voltage (V)
Maximum
Current
(Amps)
Operating
Temperature
Pad and Trace Area
for Max Power
Rating @ 70°C
Tolerance
F, G, J, K
Tolerance
J, K
Tolerance
K
1206
0.010 to 1
W 0.003 to 1W
0.003 to 1
W
±100
0.5
200
16
-55°C to +150°C
30mm2
2010
0.002 to 1
W
1.0
22
100mm2
2512
0.002 to 1
W
2.0
32
300mm2
1
Non-standard resistance values available
2
Contact factory for TCR information on values under 0.05ohms


Similar Part No. - LRC-LRF2010-01-R020-J

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LRC-LRF2010-01-R010-F TI-LRC-LRF2010-01-R010-F Datasheet
368Kb / 12P
AN-1713 LM5116-12 Evaluation Board
Revised April 2013
More results

Similar Description - LRC-LRF2010-01-R020-J

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
LRC WELWYN-LRC Datasheet
105Kb / 2P
Low Value Flat Chip Resistor
LR1206 WELWYN-LR1206_04 Datasheet
537Kb / 2P
Low Value Flat Chip Resistor
logo
Bi technologies
LR2010-R10FW BITECH-LR2010-R10FW Datasheet
344Kb / 2P
Low Value Flat Chip Resistor
logo
List of Unclassifed Man...
HTC210M ETC-HTC210M Datasheet
125Kb / 1P
Low Value Flat Chip Resistor
LRF2512-R025FW ETC-LRF2512-R025FW Datasheet
344Kb / 2P
Low Value Flat Chip Resistor
LR1206-R10FI ETC2-LR1206-R10FI Datasheet
344Kb / 2P
Low Value Flat Chip Resistor
LR2512-R10FW ETC2-LR2512-R10FW Datasheet
344Kb / 2P
Low Value Flat Chip Resistor
LQW2BHN6N8D03L ETC2-LQW2BHN6N8D03L Datasheet
469Kb / 2P
Low Value Flat Chip Resistor
LR2512-R05FW ETC2-LR2512-R05FW Datasheet
469Kb / 2P
Low Value Flat Chip Resistor
logo
TT Electronics.
LRC-LR1206LF-01 TTELEC-LRC-LR1206LF-01 Datasheet
571Kb / 2P
Low Value Flat Chip Resistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com