Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF3ICD21 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # MF3ICD21
Description  MIFARE DESFire EV1 contactless multi-application IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MF3ICD21 Datasheet(HTML) 2 Page - NXP Semiconductors

  MF3ICD21 Datasheet HTML 1Page - NXP Semiconductors MF3ICD21 Datasheet HTML 2Page - NXP Semiconductors MF3ICD21 Datasheet HTML 3Page - NXP Semiconductors MF3ICD21 Datasheet HTML 4Page - NXP Semiconductors MF3ICD21 Datasheet HTML 5Page - NXP Semiconductors MF3ICD21 Datasheet HTML 6Page - NXP Semiconductors MF3ICD21 Datasheet HTML 7Page - NXP Semiconductors MF3ICD21 Datasheet HTML 8Page - NXP Semiconductors MF3ICD21 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
MF3ICD21_41_81_SDS_2
© NXP B.V. 2009. All rights reserved.
Product short data sheet
Rev. 02 — 6 March 2009
2 of 15
NXP Semiconductors
MF3ICD21, MF3ICD41, MF3ICD81
MIFARE DESFire EV1 contactless multi-application IC
2.
Features
2.1 Key features
I Fully ISO/IEC 14443 type A 1 to 4 compliant
I 8 KB EEPROM with fast programming1
I Secure, high-speed command set
I Flexible file structure
I Anti-collision
I Unique 7-byte serial number (ISO cascade level 2)
I Data integrity: CRC and bit counting on physical layer
I Open DES/3DES crypto algorithm in hardware
I Open AES128 crypto algorithm in hardware
I Based on NXP advanced 0.14 µm NV technology
I Fast data transfer: 106 kbit/s, 212 kbit/s, 424 kbit/s, 848 kbit/s
I Functional backward-compatibility to MF3ICD40
I Composite CC EAL 4+ certification
3.
Applications
I Advanced public transportation
I High secure access control
I Event ticketing
I eGovernment
I Identity
1.
2 KB and 4 KB versions are also available.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com