Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA2003U/10AA/1 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PCA2003U/10AA/1
Description  32 kHz watch circuit with programmable adaptive motor pulse and pulse period
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA2003U/10AA/1 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PCA2003U/10AA/1 Datasheet HTML 2Page - NXP Semiconductors PCA2003U/10AA/1 Datasheet HTML 3Page - NXP Semiconductors PCA2003U/10AA/1 Datasheet HTML 4Page - NXP Semiconductors PCA2003U/10AA/1 Datasheet HTML 5Page - NXP Semiconductors PCA2003U/10AA/1 Datasheet HTML 6Page - NXP Semiconductors PCA2003U/10AA/1 Datasheet HTML 7Page - NXP Semiconductors PCA2003U/10AA/1 Datasheet HTML 8Page - NXP Semiconductors PCA2003U/10AA/1 Datasheet HTML 9Page - NXP Semiconductors PCA2003U/10AA/1 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
PCA2003_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 21 July 2009
6 of 21
NXP Semiconductors
PCA2003
32 kHz watch circuit with programmable adaptive motor pulse
The step detection phase is initiated after the motor driving pulse. In phase 1 P1 and P2
are first closed for 0.98 ms and then in phase 2 all four drive switches (P1, N1, P2 and N2)
are opened for 0.98 ms. As a result, the energy stored in the motor inductance is reduced
as fast as possible.
The induced current caused by the residual motor movement is then sampled in phase 3
(closing P3 and P2) and in phase 4 (closing P1 and P4). For step detection in the opposite
direction P1 and P4 are closed during phase 3 and P2 and P3 during phase 4 (see
Figure 6).
The condition for a successful motor step is a positive step detection pulse (current in the
same direction as in the driving phase) followed by a negative detection pulse within a
given time limit. This time limit can be programmed between 3.9 ms and 10.7 ms (in steps
of 0.98 ms) in order to ensure a safe and correct step detection under all conditions (for
instance magnetic fields). The step detection phase stops after the last 31.25 ms, after the
start of the motor driving pulse.
Fig 6.
Step detection sequence and corresponding sampling voltage
mgw569
tp
td = 0.98 ms
0.98 ms
(motor shorted)
sampling
voltage
Imotor
sampling
voltage
positive detection level
negative detection level
programmable time limit
OTP C4 to C6
sampling
positive detection
negative detection
sampling results
motor shorted
sampling
61
µs
0.49 ms
t
t
t



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com