Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8534A Datasheet(PDF) 21 Page - NXP Semiconductors

Part # PCF8534A
Description  Universal LCD driver for low multiplex rates
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8534A Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button PCF8534A Datasheet HTML 17Page - NXP Semiconductors PCF8534A Datasheet HTML 18Page - NXP Semiconductors PCF8534A Datasheet HTML 19Page - NXP Semiconductors PCF8534A Datasheet HTML 20Page - NXP Semiconductors PCF8534A Datasheet HTML 21Page - NXP Semiconductors PCF8534A Datasheet HTML 22Page - NXP Semiconductors PCF8534A Datasheet HTML 23Page - NXP Semiconductors PCF8534A Datasheet HTML 24Page - NXP Semiconductors PCF8534A Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 47 page
background image
PCF8534A_5
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 05 — 6 August 2009
21 of 47
NXP Semiconductors
PCF8534A
Universal LCD driver for low multiplex rates
7.15 Blinker
The display blinking capabilities of the PCF8534A are very versatile. The whole display
can be blinked at frequencies set by the blink select command (see Table 14). The
blinking frequencies are fractions of the clock frequency. The ratios between the clock and
blinking frequencies depend on the mode in which the device is operating (see Table 7).
An additional feature is for the arbitrary selection of LCD segments to be blinked. This
applies to the static and 1:2 multiplex drive modes and is implemented without any
communication overheads. Using the output bank selector, the displayed RAM banks are
exchanged with alternate RAM banks at the blinking frequency. This mode can also be
specified by the blink select command.
In the 1:3 and 1:4 multiplex modes, where no alternate RAM bank is available, groups of
LCD segments can be blinked by selectively changing the display RAM data at fixed time
intervals.
If the entire display needs to be blinked at a frequency other than the nominal blinking
frequency, this can be done using the mode set command to set and reset the display
enable bit E at the required rate (see Table 10).
8.
Basic architecture
8.1 Characteristics of the I2C-bus
The I2C-bus provides bidirectional, two-line communication between different ICs or
modules. The two lines are a Serial Data line (SDA) and a Serial Clock Line (SCL). When
connected to the output stages of a device, both lines must be connected to a positive
supply via a pull-up resistor. Data transfer is initiated only when the bus is not busy.
8.1.1 Bit transfer
One data bit is transferred during each clock pulse. The data on the SDA line must remain
stable during the HIGH period of the clock pulse. Changes in the data line at this time will
be interpreted as a control signal. Bit transfer is illustrated in Figure 13.
Table 7.
Blink frequencies
Assuming that fclk = 1536 Hz.
Blink mode
Operating mode ratio
Blink frequency
Off
-
Blinking off
1
2 Hz
2
1 Hz
3
0.5 Hz
f
blink
f
clk
768
---------
=
f
blink
f
clk
1536
------------
=
f
blink
f
clk
3072
------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com