Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8534AH/1 Datasheet(PDF) 31 Page - NXP Semiconductors

Part # PCF8534AH/1
Description  Universal LCD driver for low multiplex rates
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8534AH/1 Datasheet(HTML) 31 Page - NXP Semiconductors

Back Button PCF8534AH/1 Datasheet HTML 27Page - NXP Semiconductors PCF8534AH/1 Datasheet HTML 28Page - NXP Semiconductors PCF8534AH/1 Datasheet HTML 29Page - NXP Semiconductors PCF8534AH/1 Datasheet HTML 30Page - NXP Semiconductors PCF8534AH/1 Datasheet HTML 31Page - NXP Semiconductors PCF8534AH/1 Datasheet HTML 32Page - NXP Semiconductors PCF8534AH/1 Datasheet HTML 33Page - NXP Semiconductors PCF8534AH/1 Datasheet HTML 34Page - NXP Semiconductors PCF8534AH/1 Datasheet HTML 35Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 47 page
background image
PCF8534A_5
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 05 — 6 August 2009
31 of 47
NXP Semiconductors
PCF8534A
Universal LCD driver for low multiplex rates
12. Dynamic characteristics
[1]
Typical output (duty cycle
δ = 50 %).
[2]
All timing values are valid within the operating supply voltage and ambient temperature range and are referenced to VIL and VIH with an
input voltage swing of VSS to VDD.
Table 17.
Dynamic characteristics
VDD = 1.8 V to 5.5 V; VSS = 0 V; VLCD = 2.5 V to 6.5 V; Tamb = −40 °C to +85 °C; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Clock
Internal: output pin CLK
fosc
oscillator frequency
VDD = 5 V
[1] 960
1536
3046
Hz
External: input pin CLK
fclk(ext)
external clock frequency
VDD = 5 V
797
1536
3046
Hz
tclk(H)
HIGH-level clock time
130
-
-
µs
tclk(L)
LOW-level clock time
130
-
-
µs
Synchronization: input pin SYNC
tPD(SYNC_N)
SYNC propagation delay
-
30
-
ns
tSYNC_NL
SYNC LOW time
1
-
-
µs
Outputs: pins BP0 to BP3 and S0 to S59
tPD(drv)
driver propagation delay
VLCD = 5 V
-
-
30
µs
I2C-bus: timing[2]
Pin SCL
fSCL
SCL frequency
-
-
400
kHz
tLOW
LOW period of the SCL clock
1.3
-
-
µs
tHIGH
HIGH period of the SCL clock
0.6
-
-
µs
Pin SDA
tSU;DAT
data set-up time
100
-
-
ns
tHD;DAT
data hold time
0
-
-
ns
Pins SCL and SDA
tBUF
bus free time between a STOP and
START condition
1.3
-
-
µs
tSU;STO
set-up time for STOP condition
0.6
-
-
µs
tHD;STA
hold time (repeated) START condition
0.6
-
-
µs
tSU;STA
set-up time for a repeated START
condition
0.6
-
-
µs
tr
rise time of both SDA and SCL signals
-
-
0.3
µs
tf
fall time of both SDA and SCL signals
-
-
0.3
µs
Cb
capacitive load for each bus line
-
-
400
pF
tw(spike)
spike pulse width
-
-
50
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com