Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8579 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PCF8579
Description  LCD column driver for dot matrix graphic displays
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8579 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PCF8579 Datasheet HTML 4Page - NXP Semiconductors PCF8579 Datasheet HTML 5Page - NXP Semiconductors PCF8579 Datasheet HTML 6Page - NXP Semiconductors PCF8579 Datasheet HTML 7Page - NXP Semiconductors PCF8579 Datasheet HTML 8Page - NXP Semiconductors PCF8579 Datasheet HTML 9Page - NXP Semiconductors PCF8579 Datasheet HTML 10Page - NXP Semiconductors PCF8579 Datasheet HTML 11Page - NXP Semiconductors PCF8579 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 41 page
background image
PCF8579_5
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 05 — 11 May 2009
8 of 41
NXP Semiconductors
PCF8579
LCD column driver for dot matrix graphic displays
Remark: Do not transfer data on the I2C-bus for at least 1 ms after power-on to allow the
reset action to complete.
8.2 Multiplexed LCD bias generation
The bias levels required to produce maximum contrast depend on the multiplex rate and
the LCD threshold voltage (Vth). Vth is typically defined as the RMS voltage at which the
LCD exhibits 10 % contrast. Table 4 shows the optimum voltage bias levels and Table 5
the discrimination ratios (D) for the different multiplex rates as functions of Voper.
(1)
The RMS on-state voltage (Von(RMS)) for the LCD is calculated with the equation
(2)
and the RMS off-state voltage (Voff(RMS)) with the equation
(3)
where the values for n are determined by the multiplex rate (1:n). Valid values for n are:
n = 8 for 1:8 multiplex
n = 16 for 1:16 multiplex
n = 24 for 1:24 multiplex
n = 32 for 1:32 multiplex
Table 4.
Optimum LCD voltages
Bias ratios
Multiplex rate
1:8
1:16
1:24
1:32
0.739
0.800
0.830
0.850
0.522
0.600
0.661
0.700
0.478
0.400
0.339
0.300
0.261
0.200
0.170
0.150
V
oper
V
DD
V
LCD
–
=
V
on RMS
()
1
n
---
n1
–
nn
1
+
()
------------------------
+
V
oper
=
V
off RMS
()
2n
1
–
()
nn
1
+
()2
-------------------------------
V
oper
=
V
2
V
oper
--------------
V
3
V
oper
--------------
V
4
V
oper
--------------
V
5
V
oper
--------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com