Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDF8599ATH Datasheet(PDF) 53 Page - NXP Semiconductors

Part # TDF8599ATH
Description  I2C-bus controlled dual channel 135 W/4 W, single channel 250 W/2 W class-D power amplifier with load diagnostics
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDF8599ATH Datasheet(HTML) 53 Page - NXP Semiconductors

Back Button TDF8599ATH Datasheet HTML 46Page - NXP Semiconductors TDF8599ATH Datasheet HTML 47Page - NXP Semiconductors TDF8599ATH Datasheet HTML 48Page - NXP Semiconductors TDF8599ATH Datasheet HTML 49Page - NXP Semiconductors TDF8599ATH Datasheet HTML 50Page - NXP Semiconductors TDF8599ATH Datasheet HTML 51Page - NXP Semiconductors TDF8599ATH Datasheet HTML 52Page - NXP Semiconductors TDF8599ATH Datasheet HTML 53Page - NXP Semiconductors TDF8599ATH Datasheet HTML 54Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 53 / 54 page
background image
TDF8599A_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 30 June 2009
53 of 54
continued >>
NXP Semiconductors
TDF8599A
I2C-bus controlled dual channel class-D power amplifier
Fig 41. Channel separation as a function of
frequency with 10 W output power. . . . . . . . . . . .40
Fig 42. Power dissipation as a function of output power .40
Fig 43. Efficiency as a function of total output power. . . .40
Fig 44. Power dissipation as a function of total
output power with both channels driven. . . . . . . .41
Fig 45. Efficiency as a function of total output
power with both channels driven . . . . . . . . . . . . .41
Fig 46. CMRR as a function of frequency . . . . . . . . . . . .41
Fig 47. Example application diagram: dual BTL in
non-I2C-bus mode . . . . . . . . . . . . . . . . . . . . . . . .42
Fig 48. Example application diagram: dual BTL in
I2C-bus mode . . . . . . . . . . . . . . . . . . . . . . . . . . . .43
Fig 49. Example application diagram: single BTL in
I2C-bus mode . . . . . . . . . . . . . . . . . . . . . . . . . . . .44
Fig 50. Example application diagram: dual BTL master,
single BTL slave in I2C-bus mode . . . . . . . . . . . .45
Fig 51. Package outline SOT851-2 (HSOP36). . . . . . . . .46
Fig 52. Temperature profiles for large and small
components . . . . . . . . . . . . . . . . . . . . . . . . . . . . .49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com