Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XCM519 Datasheet(PDF) 21 Page - Torex Semiconductor

Part # XCM519
Description  600mA Synchronous Step-Down DC/DC Converter Low Voltage Input LDO
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XCM519 Datasheet(HTML) 21 Page - Torex Semiconductor

Back Button XCM519 Datasheet HTML 17Page - Torex Semiconductor XCM519 Datasheet HTML 18Page - Torex Semiconductor XCM519 Datasheet HTML 19Page - Torex Semiconductor XCM519 Datasheet HTML 20Page - Torex Semiconductor XCM519 Datasheet HTML 21Page - Torex Semiconductor XCM519 Datasheet HTML 22Page - Torex Semiconductor XCM519 Datasheet HTML 23Page - Torex Semiconductor XCM519 Datasheet HTML 24Page - Torex Semiconductor XCM519 Datasheet HTML 25Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 49 page
background image
21/49
XCM519
Series
■OPERATIONAL EXPLANATION (Continued)
<EN2 Pin>
The IC internal circuitry can be shutdown via the signal from the EN2 pin with the XCM519 series. In shutdown mode, output at
the VROUT pin will be pulled down to the VSS level via R1 & R2. However, as for the XCM519 series, the CL auto-discharge
resistor is connected in parallel to R1 and R2 while the power supply is applied to the VIN2 pin. Therefore, time until the VROUT
pin reaches the VSS level becomes short.
The EN2 pin of XCM519 has pull-down circuitry so that EN2 input current increase during IC operation. The EN2 pin of XCM519
does not have pull-down circuitry so that logic is not fixed when the CE pin is open. If the EN2 pin voltage is taken from VBIAS
pin or VSS pin then logic is fixed and the IC will operate normally. However, supply current may increase as a result of through
current in the IC's internal circuitry when medium voltage is input.
■NOTE ON USE
When the DC/DC converter and the VR are connected as VIN1=VBIAS, VDCOUT=VIN2, the following points should be noted.
1.
When the DC/DC load is changed drastically during a light load of the VR, a fluctuation may happen in tenths of mV. This
value can be reduced by increasing CL1 load capacitance at the DC/DC in order to reduce a voltage drop during load
transient.
2.
It is recommended that both CIN1 and CBIAS are connected to each pin separately. When one capacitor is used instead of
the two, this capacitor should be placed in 10μF or more as close as the VIN1 and the PGND (AGND) pins of the DC/DC
circuit. Please ensure it by testing on the actual product design.
3.
It is recommended that both CL1 and CIN2 are connected to each pin separately. When one capacitor is used instead of the
two, this capacitor should be selected in 4.7μF or bigger. Please ensure it by testing on the actual product design.
4.
CL2 of the VR is recommended 4.7μA. When larger value is used in CL2, the larger value is also used in CL1 as in
proportional. Please be noted that when CL2 capacitance of the VR is getting large, an inrush current increases at VR
start-up, DC/DC short circuit protection starts to operate, as a result, the IC may happen to stop.
20μs/div
立ち上がり
立下り
50μs/div
1ch:DC/DC VOUT:50mV/div
2ch:VR VOUT:50mV/div
4ch:VR IOUT:200mA/div
1ch:DC/DC VOUT:50mV/div
2ch:VR VOUT:50mV/div
4ch:VR IOUT:200mA/div
50us/div
EN2(5V/div)
DCOUT(1V/div)
VROUT(1V/div)
IIN2(500mA/div)
* VR inrush current IIN2 makes DC/DC short-circuit protection to
start, as a result, the IC may happen to stop.
The left waver forms are taken at CL1=10μ, CL2=10μF(in
contrast to the recommended 4.7μF).
However, it improves when CL1=20μF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com