Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XCM519AD02DR Datasheet(PDF) 39 Page - Torex Semiconductor

Part # XCM519AD02DR
Description  600mA Synchronous Step-Down DC/DC Converter Low Voltage Input LDO
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XCM519AD02DR Datasheet(HTML) 39 Page - Torex Semiconductor

Back Button XCM519AD02DR Datasheet HTML 35Page - Torex Semiconductor XCM519AD02DR Datasheet HTML 36Page - Torex Semiconductor XCM519AD02DR Datasheet HTML 37Page - Torex Semiconductor XCM519AD02DR Datasheet HTML 38Page - Torex Semiconductor XCM519AD02DR Datasheet HTML 39Page - Torex Semiconductor XCM519AD02DR Datasheet HTML 40Page - Torex Semiconductor XCM519AD02DR Datasheet HTML 41Page - Torex Semiconductor XCM519AD02DR Datasheet HTML 42Page - Torex Semiconductor XCM519AD02DR Datasheet HTML 43Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 49 page
background image
39/49
XCM519
Series
■TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(5) Supply Bias Current vs. Bias Voltage
(6) Supply Input Current vs. Input Voltage
VROUT=0.7V
0
10
20
30
40
01
2
3
45
6
Bias Voltage: VBIAS(V)
Ta=-40℃
Ta=25℃
Ta=85℃
CIN2=CBIAS=1.0μF(ceramic), CL2=4.7μF(ceramic)
VIN2=1.0V
VROUT=1.2V
0
10
20
30
40
012
34
56
Bias Voltage: VBIAS(V)
Ta=-40℃
Ta=25℃
Ta=85℃
CIN2=CBIAS=1.0μF(ceramic), CL2=4.7μF(ceramic)
VIN2=1.5V
VROUT=0.7V
0.0
0.5
1.0
1.5
2.0
00.5
1
1.522.5
3
Input Voltage: VIN(V)
Ta=-40℃
Ta=25℃
Ta=85℃
CIN2=CBIAS=1.0μF(ceramic), CL2=4.7μF(ceramic)
VBIAS=3.6V
VROUT=1.2V
0.0
0.5
1.0
1.5
2.0
2.5
3.0
00.5
11.5
22.5
3
Input Voltage: VIN(V)
Ta=-40℃
Ta=25℃
Ta=85℃
CIN2=CBIAS=1.0μF(ceramic), CL2=4.7μF(ceramic)
VBIAS=3.6V
VROUT=1.8V
0
10
20
30
40
01
23
4
5
6
Bias Voltage: VBIAS(V)
Ta=-40℃
Ta=25℃
Ta=85℃
CIN2=CBIAS=1.0μF(ceramic), CL2=4.7μF(ceramic)
VIN2=2.1V
VROUT=1.8V
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
00.5
1
1.522.5
3
Input Voltage: VIN(V)
Ta=-40℃
Ta=25℃
Ta=85℃
CIN2=CBIAS=1.0μF(ceramic), CL2=4.7μF(ceramic)
V
BIAS=3.6V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com