Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TFP-MHP550LF-R-1R50F Datasheet(PDF) 3 Page - IRC - a TT electronics Company.

Part # TFP-MHP550LF-R-1R50F
Description  High Power SOT227 Resistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRCTT [IRC - a TT electronics Company.]
Direct Link  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

TFP-MHP550LF-R-1R50F Datasheet(HTML) 3 Page - IRC - a TT electronics Company.

  TFP-MHP550LF-R-1R50F Datasheet HTML 1Page - IRC - a TT electronics Company. TFP-MHP550LF-R-1R50F Datasheet HTML 2Page - IRC - a TT electronics Company. TFP-MHP550LF-R-1R50F Datasheet HTML 3Page - IRC - a TT electronics Company. TFP-MHP550LF-R-1R50F Datasheet HTML 4Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Advanced Film Division • 4222 South Staples Street • Corpus Christi Texas 78411 USA
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
High Power SOT227
Resistors
MHP SOT227 Series Issue August 2008
Physical Data
Environmental Data
Dimension
Length (mm)
A
38.0 ±0.2
B
25.0 ±0.2
C
11.8 ±0.4
D
4.2 ±0.1
E
13.0 ±0.3
F
15.0 ±0.4
G
30.0 ±0.1
H
10.0 ±0.2
J
M4 screw
(10mm depth)
Environmental Test
Test Method
Specification
Load Life
1000 hours 25°C
90 minutes on, 30 minutes off,
∆R ±1.0% +0.05W
Humidity
1000 hours, 70°C, 90 to 95% RH, 0.1W DC
∆R ±1.0% +0.05W
Temperature Cycle
20 cycles, -55° 30 minutes, +120°C 30 minutes high
∆R ±1.0% +0.05W
Short Time Overload
2.5 X Rated Power, 2.5 seconds, 25°C with Heat Sink
∆R ±0.25% +0.05W
Vibration
IEC60068-2-6
∆R ±0.25% +0.05W
Withstanding Voltage
60 seconds
4000VAC
Insulation Resistance
Between terminals and flange
>1000 MegW



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com