Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TFP-MHP550LF-R-1K00F Datasheet(PDF) 1 Page - IRC - a TT electronics Company.

Part # TFP-MHP550LF-R-1K00F
Description  High Power SOT227 Resistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRCTT [IRC - a TT electronics Company.]
Direct Link  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

TFP-MHP550LF-R-1K00F Datasheet(HTML) 1 Page - IRC - a TT electronics Company.

  TFP-MHP550LF-R-1K00F Datasheet HTML 1Page - IRC - a TT electronics Company. TFP-MHP550LF-R-1K00F Datasheet HTML 2Page - IRC - a TT electronics Company. TFP-MHP550LF-R-1K00F Datasheet HTML 3Page - IRC - a TT electronics Company. TFP-MHP550LF-R-1K00F Datasheet HTML 4Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
General Note
IRC reserves the right to make changes in product specification without notice or liability.
All information is subject to IRC’s own data and is considered accurate at time of going to print.
A subsidiary of
TT electronics plc
MHP SOT227 Series Issue August 2008
Advanced Film Division • 4222 South Staples Street • Corpus Christi Texas 78411 USA
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
High Power SOT227
Resistors
• Pb-free RoHS compliant SOT227 package
• Power rating from 150W to 600W
• High impulse power capability
• Non-inductive film technology
• Superior vibration handling
• UL94V0
Electrical Data
MHP150LF
MHP200LF
MHP250LF
MHP300LF
MHP550LF
MHP600LF
Power Rating1
150W
200W
250W
300W
550W
600W
Available Schematics
V, R
X, Y, Z
V, R
X, Y, Z
V, R
X, Y, Z
Resistance Range
0.1W to 1KW2
0.1W to 1KW2
50W to 1KW2
Thermal Resistance R
thj-c
0.35°C/W
0.23°C
0.11°C/W
Weight
20g
30g
30g
Operating Temperature Range
-55°C to +120°C
-55°C to +155C
Working Voltage
P x R not to exceed 1.0KV
Nominal Values
E24 (2.0 and 5.0 also available)
Resistance Tolerance
±1%, ±5%
TCR
R
O1.0W
±250ppm/°C
R
P1.0W
±100ppm/°C
1
Power rating is with base temperature between -55°C and +25°C.
2
Contact factory for values greater than 1.0KW.
MHP150 to MHP600 Series
Schematic Data
√
_____


Similar Part No. - TFP-MHP550LF-R-1K00F

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
TFP-MHP50LF-10R0-F IRCTT-TFP-MHP50LF-10R0-F Datasheet
389Kb / 3P
MHP TO-220 Series Power Resistor
logo
TT Electronics.
TFP-MHP50LF-10R0-F-L04 TTELEC-TFP-MHP50LF-10R0-F-L04 Datasheet
461Kb / 6P
High Power Resistors
07. 13
logo
IRC - a TT electronics ...
TFP-MHP50LF-10R0-J IRCTT-TFP-MHP50LF-10R0-J Datasheet
389Kb / 3P
MHP TO-220 Series Power Resistor
logo
TT Electronics.
TFP-MHP50LF-10R0-J-L04 TTELEC-TFP-MHP50LF-10R0-J-L04 Datasheet
461Kb / 6P
High Power Resistors
07. 13
logo
IRC - a TT electronics ...
TFP-MHP50LF-1K00-F IRCTT-TFP-MHP50LF-1K00-F Datasheet
389Kb / 3P
MHP TO-220 Series Power Resistor
More results

Similar Description - TFP-MHP550LF-R-1K00F

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
SC3 WELWYN-SC3 Datasheet
600Kb / 3P
High Power Chip Resistors
logo
Rohm
LTR10 ROHM-LTR10_10 Datasheet
140Kb / 4P
High Power Chip Resistors
logo
Tyco Electronics
SQPW201R0F MACOM-SQPW201R0F Datasheet
255Kb / 3P
High Power Resistors
1773285 MACOM-1773285 Datasheet
255Kb / 3P
High Power Resistors
logo
List of Unclassifed Man...
MCHP03W8F4700T5E ETC2-MCHP03W8F4700T5E Datasheet
303Kb / 6P
High Power Resistors
logo
Bourns Electronic Solut...
CRM2512 BOURNS-CRM2512 Datasheet
385Kb / 2P
High power chip resistors
CRM2010 BOURNS-CRM2010 Datasheet
228Kb / 2P
High power chip resistors
CRM1206 BOURNS-CRM1206 Datasheet
204Kb / 2P
High power chip resistors
logo
Tyco Electronics
SQMR52K2J MACOM-SQMR52K2J Datasheet
250Kb / 3P
High Power Resistors
SQMR510KJ MACOM-SQMR510KJ Datasheet
255Kb / 3P
High Power Resistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com