Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATP404 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # ATP404
Description  General-Purpose Switching Device Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

ATP404 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  ATP404 Datasheet HTML 1Page - Sanyo Semicon Device ATP404 Datasheet HTML 2Page - Sanyo Semicon Device ATP404 Datasheet HTML 3Page - Sanyo Semicon Device ATP404 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ATP404
No. A1405-1/4
Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate
the performance, characteristics, and functions of the described products in the independent state, and are
not guarantees of the performance, characteristics, and functions of the described products as mounted in the
customer
's products or equipment. To verify symptoms and states that cannot be evaluated in an
independent device, the customer should always evaluate and test devices mounted in the customer
's
products or equipment.
Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to
"standard application", intended for the use as general electronics equipment (home appliances, AV equipment,
communication device, office equipment, industrial equipment etc.). The products mentioned herein shall not
be intended for use for any "special application" (medical equipment whose purpose is to sustain life,
aerospace instrument, nuclear control device, burning appliances, transportation machine, traffic signal
system, safety equipment etc.) that shall require extremely high level of reliability and can directly threaten
human lives in case of failure or malfunction of the product or may cause harm to human bodies, nor shall they
grant any guarantee thereof. If you should intend to use our products for applications outside the standard
applications of our customer who is considering such use and/or outside the scope of our intended standard
applications, please consult with us prior to the intended use. If there is no consultation or inquiry before the
intended use, our customer shall be solely responsible for the use.
Features
•
Low ON-resistance.
•
Avalanche resistance guarantee.
•
Halogen free compliance.
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Drain-to-Source Voltage
VDSS
60
V
Gate-to-Source Voltage
VGSS
±20
V
Drain Current (DC)
ID
95
A
Drain Current (Pulse)
IDP
PW≤10μs, duty cycle≤1%
380
A
Allowable Power Dissipation
PD
Tc=25°C70
W
Channel Temperature
Tch
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Avalanche Energy (Single Pulse) *1
EAS
214
mJ
Avalanche Current *2
IAV
48
A
Note :
*1 VDD=30V, L=100μH, IAV=48A
*2 L≤100μH, Single pulse
Electrical Characteristics at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Drain-to-Source Breakdown Voltage
V(BR)DSS
ID=1mA, VGS=0V
60
V
Zero-Gate Voltage Drain Current
IDSS
VDS=60V, VGS=0V
10
μA
Gate-to-Source Leakage Current
IGSS
VGS=±16V, VDS=0V
±10
μA
Marking : ATP404
Continued on next page.
Ordering number : ENA1405
12109QA MS IM TC-00001833
SANYO Semiconductors
DATA SHEET
ATP404
N-Channel Silicon MOSFET
General-Purpose Switching Device
Applications
www.semiconductor-sanyo.com/network


Similar Part No. - ATP404

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ATP404 ONSEMI-ATP404 Datasheet
359Kb / 7P
N-Channel Power MOSFET
July, 2013
logo
Sanyo Semicon Device
ATP404-TL-H SANYO-ATP404-TL-H Datasheet
465Kb / 7P
General-Purpose Switching Device Applications
logo
ON Semiconductor
ATP404-TL-H ONSEMI-ATP404-TL-H Datasheet
359Kb / 7P
N-Channel Power MOSFET
July, 2013
logo
Sanyo Semicon Device
ATP404 SANYO-ATP404_12 Datasheet
465Kb / 7P
General-Purpose Switching Device Applications
More results

Similar Description - ATP404

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
CPH6415 SANYO-CPH6415 Datasheet
54Kb / 4P
General-Purpose Switching Device Applications
2SK3352 SANYO-2SK3352_05 Datasheet
42Kb / 4P
General-Purpose Switching Device Applications
2SJ662 SANYO-2SJ662 Datasheet
42Kb / 4P
General-Purpose Switching Device Applications
2SJ666 SANYO-2SJ666 Datasheet
41Kb / 4P
General-Purpose Switching Device Applications
VEC2822 SANYO-VEC2822 Datasheet
78Kb / 6P
General-Purpose Switching Device Applications
2SK4198FS SANYO-2SK4198FS Datasheet
273Kb / 5P
General-Purpose Switching Device Applications
2SK4227JS SANYO-2SK4227JS Datasheet
275Kb / 5P
General-Purpose Switching Device Applications
ATP213 SANYO-ATP213 Datasheet
262Kb / 4P
General-Purpose Switching Device Applications
BXL4001 SANYO-BXL4001 Datasheet
281Kb / 5P
General-Purpose Switching Device Applications
ECH8320 SANYO-ECH8320 Datasheet
280Kb / 4P
General-Purpose Switching Device Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com