Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LE25FU206 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LE25FU206
Description  2M-bit Serial Flash Memory
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LE25FU206 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LE25FU206 Datasheet HTML 1Page - Sanyo Semicon Device LE25FU206 Datasheet HTML 2Page - Sanyo Semicon Device LE25FU206 Datasheet HTML 3Page - Sanyo Semicon Device LE25FU206 Datasheet HTML 4Page - Sanyo Semicon Device LE25FU206 Datasheet HTML 5Page - Sanyo Semicon Device LE25FU206 Datasheet HTML 6Page - Sanyo Semicon Device LE25FU206 Datasheet HTML 7Page - Sanyo Semicon Device LE25FU206 Datasheet HTML 8Page - Sanyo Semicon Device LE25FU206 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
LE25FU206
No.A1191-2/21
Continued from preceding page.
• Serial interface
: SPI mode 0, mode 3 supported
• Sector size
: 4K bytes/small sector, 64K bytes/sector
• Small sector erase, sector erase, chip erase functions
• Page program function (256 bytes/page)
• Block protect function
• Highly reliable read/write
Number of rewrite times : 10,000 times
Small sector erase time : 40ms (typ.), 150ms (max.)
Sector erase time
: 80ms (typ.), 250ms (max.)
Chip erase time
: 160ms (typ.), 1.6s (max.)
Page program time
: 2.0ms/256 bytes (typ.), 2.5ms/256 bytes (max.)
• Status functions
Ready/busy information, protect information
• Data retention period
: 20 years
• Package
: LE25FU206TT MSOP8 (225mil)
: LE25FU206MA MFP8 (225mil)
Package Dimensions
Package Dimensions
unit:mm (typ)
unit:mm (typ)
3276
[LE25FU206TT]
3032D
[LE25FU206MA]
Figure 1 Pin Assignments
SANYO : MFP8(225mil)
14
85
5.0
0.15
0.35
1.27
(0.65)
5.2
1.27
(0.7)
0.125
1
4
8
5
0.35
SANYO : MSOP8(225mil)
Top view
CS
SO
WP
VSS
VDD
HOLD
SCK
SI
1
2
3
4
8
7
6
5
MSOP8 (LE25FU206TT)
MFP8 (LE25FU206MA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com