Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRC1-50-R250-F-7 Datasheet(PDF) 2 Page - IRC - a TT electronics Company.

Part # MRC1-50-R250-F-7
Description  Metal Glaze High Power Density Surface Mount Power Resistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRCTT [IRC - a TT electronics Company.]
Direct Link  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

MRC1-50-R250-F-7 Datasheet(HTML) 2 Page - IRC - a TT electronics Company.

  MRC1-50-R250-F-7 Datasheet HTML 1Page - IRC - a TT electronics Company. MRC1-50-R250-F-7 Datasheet HTML 2Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
© IRC Wirewound and Film Technologies Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
Metal Glaze™ High Power
Density Surface Mount
Power Resistor
MRC Series Issue June 2008 Sheet 2 of 2
Sample Part No.
MRC1/2 - 100 - 1000 - F - 13
IRC Type
(MRC 1/2 & MRC 1)
Temperature Coefficient
50 ppm, 100 ppm, 200 ppm
Resistance Value
(100
Ω and greater - First 3 significant figures plus 4th digit multiplier)
Example: 100
Ω = 1000, 1000Ω = 1001, 150,000Ω = 1503
(Less than 100
Ω - "R" is used to designate decimal)
Example: 51
Ω = 51R0, 1Ω = 1R00, 0.25Ω = R250
Tolerance
(C = 0.25%, D = 0.5%, F = 1.0%, G = 2.0%, J = 5.0%)
Packaging Code*
(BLK = Bulk, 7 = 7" Reel, 13 = 13" Reel)
Ordering Data
Power Derating Curve
Repetitive Surge Curve
MRC 1
MRC 1/2
1
10
100
1000
0.0001
0.001
0.01
0.1
1
Surge or Pulse Duration (seconds)
Note: Use for repetitive pulses where the average power dissipation
is not to exceed the component rating at 70°C. Surge handling capacity
for low-repetitive surges may be significantly greater than shown above.
Contact factory for recommendations.
25
70
150
100
60
0
Ambient Temperature (°C)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com